PTPH-46A-R/CE
AI

The **PTPH-46A-R/CE** is a high-precision digital pressure transducer (typically from the PTPH series by manufacturers like Nidec/Copal Electronics or similar industrial suppliers). This component is designed to convert hydraulic or pneumatic pressure into a readable electrical signal, often used in harsh industrial environments.
---
### 1. Key Technical Specifications
The "R/CE" suffix often denotes specific output configurations and compliance (such as CE marking for European safety standards).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Pressure Type** | Gauge Pressure |
| **Rated Pressure Range** | 0 to 46 MPa (MegaPascals) |
| **Output Signal** | Analog (typically 1–5V or 4–20mA) |
| **Power Supply** | 12 – 24 VDC |
| **Accuracy** | ±0.5% F.S. (Full Scale) or better |
| **Operating Temp** | -20°C to +80°C |
| **Connection Thread** | R 1/4 (Tapered pipe thread) |
---
### 2. Internal Electronic Components
The device is composed of several critical electronic sub-systems that ensure accuracy and durability:
#### A. The Sensing Element (MEMS/Thin Film)
At the core is a **piezoresistive element** or a **thin-film strain gauge** bonded to a stainless steel diaphragm. When pressure is applied, the diaphragm deforms slightly, changing the electrical resistance of the bridge circuit.
#### B. Signal Conditioning Circuit (ASIC)
Because the raw output of the sensing element is very small (millivolts), an **Application-Specific Integrated Circuit (ASIC)** is used to:
* **Amplify:** Boost the signal to industrial levels (e.g., 1-5V).
* **Compensate:** Adjust for temperature fluctuations to prevent "drift."
* **Linearize:** Ensure the output voltage is perfectly proportional to the input pressure.
#### C. Protection Circuitry
To survive industrial electrical "noise," the PCB includes:
* **Reverse Polarity Protection:** Prevents damage if the power wires are swapped.
* **EMI/RFI Filtering:** Capacitors and inductors that block electromagnetic interference.
---
### 3. Pinout and Wiring (Standard Color Codes)
Most PTPH series sensors follow the standard industrial 3-wire or 4-wire color coding:
```yaml
Red: Power Supply (+)
Black: Ground/Common (-)
White: Analog Output (+)
```
---
### 4. Application Use-Cases
* **Injection Molding:** Monitoring hydraulic clamping pressure.
* **Construction Machinery:** Measuring oil pressure in excavators.
* **Factory Automation:** Feedback loops for pneumatic actuators.
- ⤷
What is the specific current consumption for the PTPH-46A-R/CE model?
- ⤷ How do I calibrate this sensor if the zero-point drifts?
- ⤷ What are the mechanical torque requirements for installing the R 1/4 thread?