Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PTPH-46G-R/Q

  • AI
    ## Overview of the PTPH-46G-R/Q The **PTPH-46G-R/Q** is a high-speed, high-performance **Photoreceiver** (Photodetector) module, typically used in fiber optic communication systems. It is designed for high-frequency applications, particularly in testing and measurement or long-haul optical networking. --- ### Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | PIN-TIA Photoreceiver (InGaAs) | | **Operating Wavelength** | 1260 nm to 1620 nm (C and L Bands) | | **Bandwidth** | Up to 40 GHz / 46 GHz | | **Responsivity** | ~0.5 A/W to 0.8 A/W (typical) | | **Output Impedance** | 50 Ohms | | **Package Type** | Hermetically sealed, high-speed RF connectorized module | --- ### Key Electronic Components & Functions The module is an integrated assembly consisting of several critical electronic sub-parts: #### 1. InGaAs PIN Photodiode This is the core sensing element. It converts incoming light (photons) into an electrical current. It is optimized for high-speed response and low dark current, allowing it to handle data rates exceeding 40 Gbps. #### 2. Transimpedance Amplifier (TIA) Since the output current from the photodiode is very small, an internal TIA is used to: * Convert the current (I) to a voltage (V). * Amplify the signal while maintaining a high signal-to-noise ratio. * Provide a wide dynamic range for varying optical input levels. #### 3. RF Output Interface The "46G" in the part number signifies its ability to handle frequencies up to 46 GHz. To maintain signal integrity at these microwave frequencies, the part utilizes: * **V-Connector (1.85mm) or K-Connector (2.92mm):** Precision coaxial interfaces to prevent signal reflection. * **Impedance Matching Circuits:** Internal circuitry ensures a consistent 50-ohm match to prevent jitter. #### 4. DC Bias Circuitry The module requires a stable DC voltage to bias the photodiode and power the TIA. This section often includes internal decoupling capacitors to filter out electronic noise from the power supply. --- ### Comparison of Variants (R vs. Q) While specific manufacturer datasheets may vary slightly, the suffixes usually denote the following: * **-R:** Often refers to a **Single-ended** output or a specific **Responsivity** calibration. * **-Q:** Often refers to **Quadrature** or **Differential** output configurations, or a specific gain tier. --- ### Common Applications 1. **40G/100G Ethernet Testing:** Used in labs to verify the quality of high-speed optical transmitters. 2. **Microwave Photonics:** Converting radio frequency signals modulated on light back into electronic RF signals. 3. **Optical Time Domain Reflectometry (OTDR):** High-resolution fiber analysis.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PIN photodiode and an APD in these modules?
    • ⤷ How does bandwidth affect the maximum data rate of this photoreceiver?
    • ⤷ What are the power supply requirements for the PTPH-46G?