PTPH-65G-R/Q
AI

The **PTPH-65G-R/Q** is a high-performance, Gallium Nitride (GaN) based power component, typically categorized as a **GaN-on-Silicon enhancement-mode power transistor** or a highly integrated **GaN Power Stage**. These parts are designed for high-density power conversion in modern electronics.
---
## Technical Specifications Overview
Below are the typical electronic characteristics for this class of 650V GaN power devices:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | 650V | Maximum operating voltage rating. |
| **Drain-Source Resistance ($R_{DS(on)}$)** | ~150mΩ - 260mΩ | Resistance when the switch is ON (varies by sub-model). |
| **Gate-Source Voltage ($V_{GS}$)** | -10V to +7V | Maximum limits for the gate drive. |
| **Package Type** | QFN / PDFN | Surface-mount package optimized for thermal dissipation. |
| **Material** | GaN-on-Si | Wide Bandgap (WBG) semiconductor material. |
---
### Key Electronic Features
1. **High Switching Speed:**
GaN devices have significantly lower parasitic capacitance compared to traditional Silicon MOSFETs. This allows the PTPH-65G series to switch at frequencies in the megahertz (MHz) range, reducing the size of inductors and capacitors.
2. **Zero Reverse Recovery ($Q_{rr}$):**
Unlike Silicon parts, GaN does not have an intrinsic body diode. This eliminates reverse recovery losses, making it ideal for bridge topologies (like Totem-pole PFC).
3. **Thermal Efficiency:**
The "Q" suffix often denotes a specific thermal pad configuration or package variant designed to pull heat away from the die efficiently, allowing for higher power density in small chargers.
---
### Typical Application Circuits
The PTPH-65G-R/Q is commonly used in the primary side of power converters.
```mermaid
graph LR
A[AC Input] --> B[Rectifier]
B --> C[PFC Stage: PTPH-65G]
C --> D[LLC/Flyback Converter]
D --> E[DC Output]
```
### Common Use Cases:
* **USB-C PD Chargers:** High-wattage (65W, 100W+) ultra-compact wall adapters.
* **LED Drivers:** Slim-line power supplies for lighting.
* **Server Power Supplies:** High-efficiency AC/DC stages to meet 80 Plus Titanium standards.
---
### Design Considerations
* **Gate Driving:** GaN gates are sensitive. Ensure the gate driver provides a stable 5V or 6V drive; exceeding 7V usually results in permanent damage.
* **Layout:** Due to the extremely high $dv/dt$ (fast voltage changes), PCB traces must be kept very short to minimize EMI and ringing.
- ⤷What is the exact maximum drain current (ID) for the PTPH-65G-R/Q?
- ⤷ Does this part include an integrated gate driver or is it a discrete transistor?
- ⤷ What are the recommended gate driver ICs for 650V GaN parts?