Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PTPH-84G-R/Q

  • AI
    The **PTPH-84G-R/Q** is a specialized high-power, high-efficiency hybrid power amplifier module commonly utilized in **CATV (Community Antenna Television)** infrastructure. It is designed to operate within the 45 MHz to 870 MHz (or higher) frequency range, typically used for signal distribution in trunk and line extender applications. --- ### 1. Key Technical Specifications The "PTPH" series generally refers to Power Doubler technology, which provides superior output capability compared to standard push-pull modules. | Parameter | Typical Value / Description | | :--- | :--- | | **Technology** | GaAs (Gallium Arsenide) / GaN (Gallium Nitride) Hybrid | | **Frequency Range** | 45 MHz to 870 MHz / 1000 MHz | | **Operating Voltage** | 24 VDC (Standard) | | **Gain** | ~18 dB to 22 dB (depending on specific revision) | | **Input/Output Impedance** | 75 $\Omega$ (Industry Standard for CATV) | | **Package Style** | SOT115J (Standard 7-pin hybrid package) | --- ### 2. Internal Electronic Architecture The "84G-R/Q" designation implies specific internal components optimized for linearity and ruggedness: * **Power Doubler Circuitry:** Unlike single-stage amplifiers, this uses two parallel amplification paths combined at the output. This doubles the power handling capacity and improves the signal-to-noise ratio. * **GaAs/GaN Dies:** The use of Gallium Arsenide or Gallium Nitride allows for lower noise figures and significantly higher efficiency compared to older Silicon-based bipolar transistors. * **Built-in Matching:** The module includes internal impedance matching circuitry to ensure a flat frequency response across the entire spectrum. * **Heat Dissipation Base:** The module is built on a copper or aluminum baseplate, which acts as a heat sink interface. --- ### 3. Pin Configuration (SOT115J) Most modules in this series follow a standard 7-pin layout for integration into CATV line extenders: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | RF Input | Signal entry from the cable line. | | 2, 3 | Common / Ground | Connected to the module housing. | | 5 | +VDC | DC Supply voltage (usually +24V). | | 7, 8 | Common / Ground | Thermal and electrical grounding. | | 9 | RF Output | Amplified signal exit. | --- ### 4. Features and Application * **High Linearity:** Designed to minimize **CTB** (Composite Triple Beat) and **CSO** (Composite Second Order) distortions, which are critical for maintaining clear analog and digital TV signals. * **Low Power Consumption:** Optimized for systems where many amplifiers are daisy-chained over long distances. * **Ruggedness:** Designed to withstand high surge voltages often found in outdoor cable plant environments.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between GaAs and GaN technology in CATV amplifiers?
    • ⤷ How does the Power Doubler configuration improve signal quality compared to Push-Pull modules?
    • ⤷ What are the common failure modes for SOT115J hybrid modules?