PTPH-8AA-R/CE
AI

The **PTPH-8AA-R/CE** is a specialized electronic component primarily used in industrial automation and precision control. It is a **High-Performance Pressure Sensor (Transmitter)** designed for harsh environments and high-accuracy requirements.
Below is a breakdown of its technical specifications, construction, and electronic characteristics.
---
### 1. Key Technical Specifications
The model name indicates a specific configuration involving pressure range, output signal, and thread type.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Piezoresistive Pressure Transmitter |
| **Pressure Range** | Typically 0–8 MPa (Model specific) |
| **Accuracy Class** | 0.25% to 0.5% Full Scale (FS) |
| **Output Signal** | 4-20mA (Standard Current Loop) |
| **Power Supply** | 12V to 30V DC |
| **Operating Temperature** | -20°C to +85°C |
| **Protection Rating** | IP65 or IP67 (Dust/Water resistant) |
| **Housing Material** | Stainless Steel (304 or 316L) |
---
### 2. Electronic Architecture
The internal circuitry of the PTPH-8AA-R/CE consists of three main stages:
1. **Sensor Element (Wheatstone Bridge):**
The "PTP" series usually utilizes a piezoresistive silicon chip isolated by a stainless steel diaphragm. When pressure is applied, the resistance of the bridge changes proportionally.
2. **Signal Conditioning (ASIC):**
The raw millivolt signal from the sensor is sent to an internal Application-Specific Integrated Circuit (ASIC). This chip performs:
* **Amplification:** Boosting the weak signal.
* **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction.
* **Linearization:** Ensuring the output matches the input pressure curve exactly.
3. **Output Stage:**
The electronics convert the processed signal into a **4-20mA current loop**. This is ideal for long-distance transmission because it is highly resistant to electromagnetic interference (EMI) and voltage drops across long wires.
---
### 3. Application Areas
Due to the "CE" certification and its robust build, this part is commonly found in:
* **Hydraulic Systems:** Monitoring oil pressure in heavy machinery.
* **Pneumatics:** Industrial air pressure regulation.
* **HVAC Systems:** Monitoring refrigerant or water pressure.
* **Water Treatment:** Pump control and tank level monitoring.
---
### 4. Wiring Configuration
Most units in this series follow the standard 2-wire current loop configuration:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red (V+)** | Positive Power | Connects to 24V DC source |
| **Blue/Black (S-)** | Signal Output | Connects to PLC/Controller input |
| **Shield** | Ground | Protective Earth to prevent EMI |
---
- ⤷
What is the exact pressure range for the 8AA variant compared to other models?
- ⤷ How do I calibrate the 4-20mA output if I detect a zero-point drift?
- ⤷ What are the specific thread mounting options available for the PTPH series?