PUMX1-AL6-R
AI

## PUMX1-AL6-R: Technical Overview
The **PUMX1-AL6-R** is a specific electronic component, typically categorized as a **dual NPN general-purpose transistor** housed in a small surface-mount package. It is designed for switching and amplification applications where board space is at a premium.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the PUMX1 series:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 50 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 40 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V |
| **Collector Current (DC)** | $I_C$ | 100 | mA |
| **Total Power Dissipation** | $P_{tot}$ | 300 | mW |
| **DC Current Gain** | $h_{FE}$ | 120 - 450 | - |
| **Package Type** | SOT-363 | (SC-88) | - |
---
### 2. Internal Configuration
The "X1" designation in the PUM series usually indicates a **dual transistor** setup. Inside a single SOT-363 package, there are two identical NPN silicon transistors.
* **Pinout Layout:**
* **Pin 1:** Emitter 1
* **Pin 2:** Base 1
* **Pin 3:** Collector 2
* **Pin 4:** Emitter 2
* **Pin 5:** Base 2
* **Pin 6:** Collector 1
---
### 3. Features & Applications
The PUMX1-AL6-R is favored in modern electronics for several reasons:
* **Space Efficiency:** By integrating two transistors into one SOT-363 footprint, it reduces component count and PCB size.
* **Low Capacitance:** Suitable for high-frequency switching tasks.
* **Applications:**
* General-purpose switching and amplification.
* Signal logic level shifting.
* Driver circuits for small LEDs or relays.
* Portable electronic devices (smartphones, tablets).
---
### 4. Part Number Breakdown (Typical)
While naming conventions can vary slightly by manufacturer (e.g., NXP/Nexperia or Rohm), the suffix usually denotes packaging:
* **PUMX1:** The core device family (Dual NPN).
* **AL6:** Often refers to a specific gain grade or manufacturer-specific internal code.
* **-R:** Generally indicates **Tape and Reel** packaging for automated assembly.
---
- ⤷What are the equivalent PNP complementary pairs for the PUMX1?
- ⤷ Can the PUMX1 be used in high-speed data switching above 100MHz?
- ⤷ What is the thermal resistance of the SOT-363 package used in this part?