Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PUMZ1G-AL6-R

  • AI
    The **PUMZ1G-AL6-R** is a specialized surface-mount semiconductor device, typically categorized as a **dual-complementary general-purpose transistor**. It integrates two different types of transistors (one NPN and one PNP) into a single compact package. --- ### 1. General Specifications This part is designed for switching and amplification applications where board space is at a premium. | Parameter | Specification | | :--- | :--- | | **Transistor Type** | 1-NPN, 1-PNP (Complementary Pair) | | **Package Type** | SOT-363 (SC-88) | | **Collector-Emitter Voltage ($V_{CEO}$)** | 40V (Typical for this series) | | **Collector Current ($I_C$)** | 600mA (Continuous) | | **Configuration** | Dual / Independent | --- ### 2. Internal Structure and Pinout Since it is a "complementary" device, it contains two separate silicon dies within the same housing. This allows a single component to handle both high-side and low-side switching tasks. * **TR1 (NPN):** Often used for ground-referenced switching. * **TR2 (PNP):** Often used for supply-referenced (high-side) switching. * **Terminals:** It has 6 pins (Base, Emitter, and Collector for both transistors). --- ### 3. Key Features * **Space Saving:** Replaces two individual SOT-23 transistors, reducing PCB footprint by approximately 50%. * **Thermal Matching:** Because both transistors are in the same package, they experience similar ambient temperatures, providing better thermal tracking in balanced circuits. * **Low Saturation Voltage:** Ideal for battery-powered applications to minimize power loss. --- ### 4. Typical Applications The PUMZ1G-AL6-R is commonly found in: 1. **Push-Pull Amplifiers:** The NPN/PNP pair works together to drive signals. 2. **Level Shifting:** Converting logic signals between different voltage domains. 3. **General Switching:** Controlling small motors, LEDs, or relays. 4. **H-Bridge Circuits:** Small-scale motor control where directional switching is required. --- ### 5. Part Number Breakdown (UTC/Typical) While naming conventions can vary by manufacturer (often Unisonic Technologies - UTC), the code usually breaks down as follows: * **PUMZ1:** Series identifier for complementary transistors. * **G:** Halogen-free/Green material. * **AL6:** Specific internal gain (hFE) classification or internal code. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin assignments for the SOT-363 package in this transistor?
    • ⤷ Can this device be used in high-frequency RF applications?
    • ⤷ What is the maximum power dissipation (Pd) for the PUMZ1G-AL6-R?