PUSB3AB2DF
AI

The **PUSB3AB2DF** is a high-performance **ESD protection diode** (Electrostatic Discharge protection device) specifically designed to protect ultra-high-speed data lines. It is part of Nexperia’s "TrEOS" protection family, which focuses on low capacitance and high robustness.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the PUSB3AB2DF:
| Parameter | Value / Description |
| :--- | :--- |
| **Number of Channels** | 2-channel (protects two lines) |
| **Reverse Standoff Voltage ($V_{RWM}$)** | 3.3 V |
| **Trigger Voltage ($V_{sb}$)** | 6.0 V |
| **Diode Capacitance ($C_d$)** | 0.27 pF (typ) |
| **ESD Protection Rating** | ±15 kV (Air), ±8 kV (Contact) |
| **Package Type** | DFN0603-3 (SOT8013) |
| **Dimensions** | 0.6 x 0.3 x 0.3 mm (Ultra-compact) |
---
### 2. Functional Description
The PUSB3AB2DF is designed to solve a critical trade-off in electronics: providing strong protection without distorting high-speed signals.
* **Deep Snapback Technology:** When an ESD event occurs, the device "snaps back" to a low clamping voltage. This ensures the sensitive controller chip behind the diode is exposed to minimal voltage stress.
* **Ultra-Low Capacitance:** With a capacitance of only **0.27 pF**, it prevents signal degradation (insertion loss). This is vital for data rates exceeding 10 Gbps.
* **Bidirectional/Unidirectional:** While typically used for high-speed differential pairs, its internal architecture is optimized for protecting the latest sub-micron system-on-chips (SoCs).
---
### 3. Primary Applications
Because of its high-speed performance and tiny footprint, this part is commonly found in:
1. **USB Protection:** USB 3.2 Gen 2 (10 Gbps) and USB4 (up to 40 Gbps) interfaces.
2. **Video Interfaces:** HDMI 2.0/2.1 and DisplayPort 1.4.
3. **Computing:** Laptops, tablets, and smartphones where PCB space is extremely limited.
4. **Peripheral Connections:** Thunderbolt interfaces and high-speed external storage.
---
### 4. Layout Example (Reference)
When designing with the PUSB3AB2DF, it is crucial to place the component as close as possible to the connector to minimize parasitic inductance.
```markdown
[Connector Side] <-----> [PUSB3AB2DF] <-----> [Internal SoC/Chipset]
|
[GND]
```
---
- ⤷
How does the snapback voltage feature protect sensitive sub-micron chips?
- ⤷ What are the footprint differences between DFN0603 and DFN1006 packages?
- ⤷ Can PUSB3AB2DF be used for automotive applications or is it consumer grade only?