AI

The **PUSB3FS4** is a high-performance TVS (Transient Voltage Suppressor) diode array specifically designed to protect ultra-high-speed data lines. It is most commonly used to safeguard USB 3.0/3.2, HDMI 2.0, and DisplayPort interfaces from Electrostatic Discharge (ESD).
---
### 1. Key Technical Specifications
The device is optimized for signal integrity while providing robust protection.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Channels** | 4-Line Protection | Protects two differential pairs (TX/RX). |
| **ESD Protection** | Up to ±15 kV | IEC 61000-4-2 (Contact/Air). |
| **Capacitance ($C_j$)** | ~0.25 pF | Ultra-low to prevent signal distortion. |
| **Operating Voltage** | 3.3 V | Compatible with low-voltage logic levels. |
| **Package** | DFN2510A-10 | Tiny leadless surface-mount package. |
---
### 2. Internal Structure and Pinout
The PUSB3FS4 utilizes a **flow-through** pinout design. This layout allows traces to pass directly under the chip without needing vias or complex routing, which minimizes impedance mismatches.
* **Pins 1, 2, 4, 5:** High-speed I/O lines.
* **Pins 6, 7, 9, 10:** High-speed I/O lines (corresponding side).
* **Center Pin (GND):** Connected to the system ground to shunt the ESD pulse.
---
### 3. Core Features
* **Deep Snap-back Technology:** When an ESD event occurs, the device "snaps back" to a lower voltage (clamping voltage), ensuring the downstream IC (like a USB controller) is exposed to minimal stress.
* **Minimal Insertion Loss:** Due to the 0.25 pF capacitance, the part can handle data rates exceeding **10 Gbps** without degrading the "eye diagram" of the signal.
* **System-Level Robustness:** It exceeds the highest level of IEC 61000-4-2 standards, making it ideal for consumer electronics.
---
### 4. Typical Applications
The PUSB3FS4 is generally found in circuits where high-speed data meets the external world:
1. **USB 3.x SuperSpeed:** Protecting the SSRX+/- and SSTX+/- pairs.
2. **HDMI 2.0 / 2.1:** Protecting the TMDS lines.
3. **DisplayPort:** Safeguarding the Main Link lanes.
4. **Thunderbolt:** Used in high-bandwidth docking stations.
---
### 5. Schematic Implementation Example
```c
// Conceptual routing for USB 3.0 Header
[USB Controller] <------> [PUSB3FS4] <------> [USB-C Connector]
TX+ ----------------- Pin 1 | Pin 10 ----------------- TX+
TX- ----------------- Pin 2 | Pin 9 ----------------- TX-
GND ----------------- Pin 3 | Pin 8 ----------------- GND
RX+ ----------------- Pin 4 | Pin 7 ----------------- RX+
RX- ----------------- Pin 5 | Pin 6 ----------------- RX-
```
- ⤷
What is the difference between PUSB3FS4 and standard Zener diodes for ESD protection?
- ⤷ How does the 'flow-through' design benefit PCB layout for high-speed signals?
- ⤷ What are the specific clamping voltage levels for the PUSB3FS4 during a surge?