Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PV10WW-R001

  • AI
    The **PV10WW-R001** is a precision electronic component, specifically a **multiturn cermet trimming potentiometer** (also known as a "trimpot"). These components are used to calibrate or adjust voltage and current levels within a circuit. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The PV10 series is characterized by its rectangular shape and side-adjustment mechanism. | Feature | Specification | | :--- | :--- | | **Element Type** | Cermet (Ceramic-Metal) | | **Adjustment Type** | Side Adjustment | | **Number of Turns** | 25 Turns (Lead screw driven) | | **Resistance Range** | 10 $\Omega$ to 2 M$\Omega$ (R001 suffix often denotes specific packaging) | | **Power Rating** | 0.5W at 70°C | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Electronic Parts & Materials The internal construction of the PV10WW-R001 consists of several critical sub-components: 1. **Cermet Resistive Element:** A thick film of metal-ceramic composite fired onto a ceramic substrate. Cermet offers better stability and lower temperature coefficients than carbon film. 2. **Wiper (Contact):** A multi-finger metal brush that moves along the resistive track. In the PV10 series, this is moved by a precision lead screw. 3. **Lead Screw:** A threaded shaft that allows for the "25-turn" high-resolution adjustment. This provides much finer control than a single-turn potentiometer. 4. **Clutch Mechanism:** Most PV10 models include an idling mechanical stop (clutch) at both ends of the travel to prevent damage if the screw is over-turned. --- ### 3. Electrical Characteristics When integrating this part into a PCB design, the following electronic parameters are vital: * **Resistance Tolerance:** Typically $\pm 10\%$. * **Temperature Coefficient:** Usually $\pm 100 ppm/°C$, ensuring the resistance value doesn't drift significantly as the device heats up. * **Insulation Resistance:** 1,000 M$\Omega$ minimum at 500VDC. * **Dielectric Strength:** Capable of withstanding 900VAC at sea level. --- ### 4. Circuit Symbol and Pinout The PV10WW-R001 uses a standard 3-pin potentiometer configuration: ```text Pin 1 (CCW) ----| |--- Pin 2 (Wiper/Output) Pin 3 (CW) ----| ``` * **Pin 1 & 3:** Connected to the ends of the resistive element. * **Pin 2:** Connected to the wiper; as you turn the screw, the resistance between Pin 1-2 and Pin 2-3 changes. --- ### 5. Common Applications * **Voltage Regulation:** Setting the output voltage of a DC-DC converter. * **Sensor Calibration:** Zeroing out offsets in analog sensor circuits. * **Timing Circuits:** Adjusting the RC time constant in oscillators.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and footprint of the PV10WW-R001?
    • ⤷ How does the 'WW' mounting style differ from other PV10 series models?
    • ⤷ What is the specific resistance value for the R001 variant?