PV36P503C01B00
AI

The **PV36P503C01B00** is a high-precision electronic component manufactured by **Murata Electronics**. It belongs to the PV36 series of multi-turn trimming potentiometers (trimpots).
---
### 1. General Specifications
This component is a variable resistor designed for fine-tuning circuit parameters during the manufacturing or calibration process.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Series** | PV36 |
| **Resistance Value** | 50 kΩ (indicated by "503") |
| **Resistance Tolerance** | ±10% |
| **Adjustment Type** | Top Adjustment |
| **Number of Turns** | 25 Turns (Mechanical) |
| **Power Rating** | 0.5W (1/2 Watt) at 70°C |
| **Temperature Coefficient** | ±100ppm/°C |
| **Mounting Type** | Through Hole |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific logic used by Murata:
* **PV36**: Series name (Lead-sealed, 25-turn, 9.6mm square).
* **P**: Adjustment style (Top adjustment, side-view leads).
* **503**: Resistance code. The first two digits (50) are significant figures, and the third (3) is the multiplier (10^3). Result = 50,000 Ω or **50 kΩ**.
* **C01**: Internal design/packaging specifications.
* **B00**: Bulk packaging code.
---
### 3. Physical & Functional Features
* **Precision Control:** Being a **25-turn** potentiometer, it allows for extremely granular adjustments. Each full rotation of the screw only changes the resistance by approximately 4% of the total range.
* **Sealed Construction:** It is typically "lead-sealed" (watertight), meaning it can withstand board washing processes and harsh environments without the internal resistive element being contaminated.
* **Wiper Mechanism:** It uses a cermet (ceramic-metal) resistive element, which provides better stability and lower noise compared to carbon-based potentiometers.
---
### 4. Common Applications
Due to its high precision and stability, the PV36P503C01B00 is commonly found in:
1. **Industrial Controls:** Setting gain or offset in operational amplifiers.
2. **Power Supplies:** Fine-tuning output voltage or current limits.
3. **Sensors:** Calibrating threshold levels for analog sensors.
4. **Medical Equipment:** High-reliability signal conditioning.
---
- ⤷
What is the difference between a single-turn and a multi-turn potentiometer like the PV36?
- ⤷ Can this component be used in surface-mount (SMD) applications?
- ⤷ What are the environmental ratings (temperature range) for this specific series?