Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PVC1122

  • AI
    The **PVC1122** is a specific electronic component typically categorized as a **Capacitive Touch Controller IC** (Integrated Circuit) or a specialized **Proximity Sensor**. It is frequently used in consumer electronics for touch-sensitive buttons, sliders, and proximity detection. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics of the PVC1122 series: | Feature | Specification | | :--- | :--- | | **Type** | Capacitive Touch Controller | | **Operating Voltage (VCC)** | 2.5V to 5.5V | | **Interface** | I2C (Inter-Integrated Circuit) | | **Touch Channels** | Typically 8 to 12 channels (varies by package) | | **Power Consumption** | Ultra-low power (µA range in standby) | | **Package Types** | QFN, SOP, or TSSOP | --- ### 2. Main Functions and Working Principle The PVC1122 operates by measuring the **change in capacitance** on an electrode. * **Capacitance Sensing:** When a human finger (conductive body) approaches the touch pad connected to the IC, the capacitance of that pad changes. * **Signal Processing:** The IC converts this analog capacitance change into a digital signal. * **Filtering:** It uses internal algorithms to filter out noise caused by environmental humidity or electromagnetic interference (EMI). * **Communication:** Once a "touch" is confirmed, it sends a signal to the main microcontroller (MCU) via the **I2C bus** or via high/low output pins. --- ### 3. Typical Applications The PVC1122 is chosen for its sensitivity and reliability in the following areas: 1. **Home Appliances:** Touch panels on microwaves, induction cooktops, and washing machines. 2. **Consumer Electronics:** Power buttons on monitors, volume sliders, and backlight controls. 3. **Industrial Controls:** Sealed control panels that need to be waterproof or dustproof. 4. **Proximity Sensing:** Detecting when a hand is near a device to "wake up" the display. --- ### 4. Integration Example (Pseudo-Code) To communicate with a PVC1122 via a microcontroller (like Arduino or ESP32), you would typically use an I2C library: ```cpp #include #define PVC1122_ADDR 0x50 // Example I2C Address void setup() { Wire.begin(); Serial.begin(9600); } void loop() { Wire.requestFrom(PVC1122_ADDR, 1); // Request touch status if (Wire.available()) { byte status = Wire.read(); Serial.print("Touch Status: "); Serial.println(status, BIN); } delay(100); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the PVC1122 and standard mechanical switches?
    • ⤷ Can the PVC1122 work through glass or plastic overlays?
    • ⤷ How do you calibrate the sensitivity of the PVC1122?