PVC2147
AI

The **PVC2147** typically refers to a high-voltage, high-capacitance **Ceramic Trimmer Capacitor** often manufactured by companies like Murata or specialized electronic component distributors. These components are used for fine-tuning the capacitance within a circuit.
---
### 1. Technical Specifications
Trimmer capacitors like the PVC series are designed for precision. Below are the standard technical characteristics for this category of part:
| Parameter | Typical Value |
| :--- | :--- |
| **Capacitance Range** | 3.0pF to 40.0pF (Adjustable) |
| **Voltage Rating** | 100V - 250V DC |
| **Dielectric Material** | Ceramic |
| **Adjustment Type** | Top Adjustment (Screw-driven) |
| **Operating Temperature** | -25°C to +85°C |
| **Mounting Type** | Through-hole (PCB) |
---
### 2. Physical Construction
The PVC2147 is composed of several critical layers that allow it to function as a variable component:
* **Stator:** The fixed part of the capacitor, usually a ceramic base with a metallic electrode.
* **Rotor:** The rotating part that moves when the screw is turned. It changes the overlapping surface area between the two plates.
* **Dielectric:** A thin layer of ceramic material (like Barium Titanate) placed between the rotor and stator to store the electric charge.
* **Housing:** A plastic or resin case that protects the internal plates from dust and moisture.
---
### 3. Functional Applications
These parts are not meant for constant adjustment but rather for "set and forget" calibration during the manufacturing or repair process.
1. **RF Circuits:** Used in radio frequency oscillators to fine-tune the resonance frequency.
2. **Crystal Oscillators:** Adjusting the load capacitance to ensure a clock pulse is exactly at the rated MHz/kHz.
3. **Filter Networks:** Trimming filters to allow specific signal bands to pass while blocking others.
4. **Antenna Matching:** Optimizing the impedance between a transmitter and an antenna.
---
### 4. Handling and Maintenance
Because these are precision mechanical parts, certain precautions are necessary:
* **Adjustment Tool:** Always use a **non-conductive (ceramic or plastic) tuning wand**. Using a metal screwdriver will introduce "hand capacitance," making it impossible to tune the circuit accurately.
* **Torque Limits:** Do not force the screw past its stop points, as this can crack the ceramic dielectric or strip the internal threads.
- ⤷
What is the difference between a trimmer capacitor and a variable capacitor?
- ⤷ Why is a non-conductive tool required for tuning?
- ⤷ How does temperature coefficient affect ceramic trimmer capacitors?