PWHM10G-R10
AI

The **PWHM10G-R10** is a specialized power resistor, typically manufactured by companies like **Synton-Tech** or similar industrial component suppliers. It is designed for high-power dissipation in electronic circuits.
Below is a breakdown of its electronic characteristics and construction.
### 1. Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of the technical data:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Wirewound Resistor | Uses a metal wire wrapped around a core to create resistance. |
| **Power Rating** | 10 Watts | Can safely dissipate 10W of heat at standard ambient temperatures. |
| **Resistance Value** | 0.10 $\Omega$ (R10) | "R10" indicates a resistance of 0.10 Ohms. |
| **Tolerance** | $\pm 5\%$ (Standard) | The actual resistance will be between 0.095$\Omega$ and 0.105$\Omega$. |
| **Package Style** | Vertical/Radial | Often a ceramic "cement" block style designed for PCB mounting. |
---
### 2. Key Electronic Components & Materials
The PWHM10G-R10 is constructed from several specific materials to handle high heat:
1. **Resistive Element:** A high-grade alloy wire (usually Nickel-Chromium or Copper-Nickel) wound precisely around a fiberglass or ceramic core.
2. **Encapsulation:** A **Ceramic Case** (Cement) filled with a special non-flammable mineral compound (Inert Silica/Cement). This provides excellent insulation and heat transfer.
3. **Terminals:** Tin-plated copper leads designed for through-hole soldering on a Printed Circuit Board (PCB).
4. **Special Feature (G):** Often indicates a "Vertical Type" or "Stand-off" mounting style to improve airflow and prevent heat damage to the PCB.
---
### 3. Application Use Cases
Because of its very low resistance (0.10 $\Omega$) and high power capacity (10W), this part is commonly used for:
* **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V = I \times R$).
* **Inrush Current Limiting:** Protecting circuits from sudden power surges during startup.
* **Bleeder Resistor:** Safely discharging high-voltage capacitors in power supplies.
* **Motor Control:** Providing current feedback for speed or torque regulation.
---
### 4. Precautions for Use
```markdown
* **Heat Dissipation:** At 10W, this component gets extremely hot. Ensure at least 10-15mm of clearance from heat-sensitive components.
* **Derating:** If the ambient temperature exceeds 70°C, the power rating must be "derated" (e.g., it may only handle 5W instead of 10W).
* **Soldering:** Use high-temperature solder or ensure lead length provides some thermal isolation to the board.
```
- ⤷
What is the maximum operating temperature for this resistor?
- ⤷ How does the 'G' suffix specifically affect the mounting dimensions?
- ⤷ What are the common alternatives for a 0.10 Ohm 10W resistor?