PXPPVC05RAM03ACL050PVC
AI

The part number **PXPPVC05RAM03ACL050PVC** refers to a high-quality industrial connectivity component, specifically an M12 circular connector cable assembly from the **Bulgin Buccaneer 4000 series** (or similar industrial M12 ranges).
Below is the technical breakdown of the electronic and mechanical components of this part.
### 1. Part Number Specification Breakdown
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PXP** | Series Prefix | Part of the Bulgin Buccaneer industrial connector line. |
| **PVC** | Cable Material | Outer jacket is made of Polyvinyl Chloride (General Purpose). |
| **05** | Number of Poles | This is a **5-pin** (5-core) configuration. |
| **RAM** | Connector Orientation | **Right Angle Male** connector head. |
| **03** | Coding Type | **A-Coding** (Standard for sensors, actuators, and DC power). |
| **ACL** | Locking Nut | Metal (Aluminum/Zinc) coupling nut for secure attachment. |
| **050** | Cable Length | **5.0 Meters** in length. |
| **PVC** | End Termination | Second end is usually a PVC jacketed pigtail (flying leads). |
---
### 2. Key Technical Specifications
#### Electrical Characteristics
* **Current Rating:** Typically 4A per contact.
* **Voltage Rating:** 60V AC/DC (standard for 5-pole A-coded M12).
* **Contact Resistance:** < 10 mΩ.
* **Insulation Resistance:** > 100 MΩ at 500V DC.
#### Mechanical & Environmental
* **IP Rating:** **IP67/IP68** (Waterproof and dust-tight when mated).
* **Coupling Mechanism:** M12 x 1.0 Threaded screw.
* **Operating Temperature:** -25°C to +80°C (limited by PVC jacket).
* **Pin Plating:** Gold-plated brass for high conductivity and corrosion resistance.
---
### 3. Application Use Cases
This specific part is designed for "Set and Forget" industrial environments where space is limited, requiring a right-angle connection.
* **Sensors/Actuators:** Connecting proximity switches or photoelectric sensors to a junction box.
* **Industrial Automation:** PLC I/O connections in factory automation lines.
* **Robotics:** Power and data transmission in compact robotic arm joints.
* **Process Control:** Monitoring equipment in wash-down environments (due to the IP67 rating).
---
### 4. Wiring Diagram (Standard A-Coding 5-Pin)
For a standard M12 A-coded 5-pin male connector, the typical internal wiring follows this convention:
| Pin Number | Typical Wire Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +24V DC |
| 2 | White | Input/Output 2 (Secondary) |
| 3 | Blue | 0V / Ground |
| 4 | Black | Input/Output 1 (Primary) |
| 5 | Grey | Functional Earth / Shield |
---
- ⤷
What is the difference between A-coding and B-coding for M12 connectors?
- ⤷ Can this PVC cable be used in continuous flexing (robotic) applications?
- ⤷ Are there alternative jacket materials for high-temperature or oil-resistant environments?