QPS2-0-6000-R
AI

The **QPS2-0-6000-R** is a high-performance, broadband reflective SPDT (Single Pole Double Throw) PIN diode switch. It is designed to operate across a very wide frequency spectrum, typically used in microwave and RF applications where high-speed switching and reliability are critical.
---
### ## Technical Specifications Overview
The following table summarizes the core electronic characteristics of the QPS2-0-6000-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 0 to 6000 MHz (6 GHz) |
| **Insertion Loss** | < 1.5 dB |
| **Isolation** | > 45 dB |
| **Switching Speed** | < 100 ns |
| **Power Handling** | +27 dBm to +30 dBm (Avg) |
| **Control Logic** | TTL Compatible |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA Female (Standard) |
---
### ### Key Electronic Components & Design Features
#### 1. PIN Diode Architecture
The "heart" of this switch consists of **PIN diodes**. Unlike standard PN junction diodes, PIN diodes have an intrinsic layer that allows them to behave as a variable resistor at RF frequencies.
* **ON State:** Low resistance, allowing the signal to pass with minimal insertion loss.
* **OFF State:** High resistance/capacitance, providing high isolation to block the signal.
#### 2. Reflective Design
As a **Reflective** switch, when a port is in the "OFF" state, the RF energy is reflected back to the source rather than being absorbed.
* *Note:* Users must ensure the signal source can handle the reflected power (VSWR) when the switch is toggled.
#### 3. Integrated TTL Driver
The device includes an internal driver circuit that translates standard **TTL (Transistor-Transistor Logic)** signals into the current required to bias the PIN diodes.
* **Logic '0':** Path 1 Active
* **Logic '1':** Path 2 Active
#### 4. Housing and Shielding
The electronic assembly is typically housed in a ruggedized aluminum enclosure. This provides:
* **EMI Shielding:** Prevents external interference from affecting the signal.
* **Heat Dissipation:** PIN diodes generate heat during high-speed switching; the metal body acts as a heatsink.
---
### ### Common Applications
* **Test and Measurement:** Routing signals between different instruments.
* **Electronic Warfare (EW):** High-speed pulse modulation.
* **Radar Systems:** Switching between Transmit (TX) and Receive (RX) paths.
* **Communication Base Stations:** Signal routing in wideband cellular equipment.
- ⤷What is the difference between a reflective and an absorptive switch in this frequency range?
- ⤷ How does the TTL logic voltage range affect the switching speed of the QPS2-0-6000-R?
- ⤷ What are the power supply requirements (VDC) typically associated with this PIN diode switch?