QTLP600C-R
AI

## QTLP600C-R Electronic Component Overview
The **QTLP600C-R** is a surface-mount (SMD) Light Emitting Diode (LED) manufactured by ON Semiconductor (formerly Fairchild). It belongs to the 0603 package category and is widely used for status indication in compact electronic devices.
### Technical Specifications
The following table summarizes the primary electrical and optical characteristics of the QTLP600C-R:
| Parameter | Specification |
| :--- | :--- |
| **LED Color** | Red |
| **Wavelength** | 630 nm (Peak) / 624 nm (Dominant) |
| **Luminous Intensity** | 5 mcd (Typical) @ 20mA |
| **Forward Voltage ($V_f$)** | 2.0V (Typical) / 2.4V (Max) |
| **Forward Current ($I_f$)** | 30 mA (Maximum) |
| **Viewing Angle** | 100° |
| **Package Size** | 0603 (1.6mm x 0.8mm x 0.6mm) |
| **Lens Type** | Water Clear |
---
### Key Features
1. **Small Footprint:** The 0603 industry-standard package allows for high-density placement on Printed Circuit Boards (PCBs).
2. **Wide Viewing Angle:** A 100-degree viewing angle ensures visibility from various directions, making it ideal for backlighting and indicators.
3. **Automated Assembly:** Compatible with automatic placement equipment and infrared (IR) reflow soldering processes.
4. **Moisture Sensitivity:** Typically rated at MSL level 3, requiring proper handling and storage to prevent damage during soldering.
### Typical Applications
* **Consumer Electronics:** Power and status indicators on laptops, routers, and mobile devices.
* **Telecommunications:** Signal strength and connectivity lights.
* **Industrial:** Control panels and diagnostic displays.
* **Backlighting:** Illuminating membrane switches and small LCD screens.
---
### Schematic and Circuit Considerations
When integrating the QTLP600C-R into a circuit, a current-limiting resistor ($R$) is required to prevent the LED from burning out.
**Calculation Formula:**
`R = (V_source - V_f) / I_f`
**Example:**
For a 5V supply and a desired current of 20mA (0.02A):
```text
R = (5V - 2.0V) / 0.02A
R = 150 Ohms
```
- ⤷
What are the alternative color options in the QTLP600C series?
- ⤷ What is the recommended solder reflow profile for this LED?
- ⤷ How does the luminous intensity change if the current is reduced to 5mA?