Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • QW110-R

  • AI
    The **QW110-R** typically refers to a core component used in **Vacuum Cleaners** (specifically horizontal or canister types). It is most commonly identified as a high-performance **Universal AC Motor** or the model number for the vacuum unit itself. Below is a breakdown of the electronic and electromechanical parts associated with the QW110-R. --- ### 1. Technical Specifications (Motor Assembly) The QW110-R motor is the heart of the device. It converts electrical energy into high-speed mechanical rotation to create suction. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Frequency** | 50/60 Hz | | **Rated Power** | 1000W - 1200W | | **Motor Type** | Single-phase Series Motor (Universal) | | **Insulation Class** | Class B or F | | **Fan Diameter** | Usually 105mm - 110mm | --- ### 2. Key Electronic & Internal Components #### A. Carbon Brushes * **Function:** Conducts electricity from the stationary wires to the rotating armature. * **Material:** Graphite/Copper composite. * **Maintenance:** These are wear-and-tear parts. If the QW110-R sparks excessively or loses power, these usually need replacement. #### B. Armature (Rotor) & Stator (Field Coil) * **Armature:** The rotating inner part with copper windings and a commutator. * **Stator:** The stationary outer copper windings that create the magnetic field. * **Winding Material:** High-quality enameled copper wire. #### C. Thermal Protector (Cut-off) * **Function:** A safety component (often a bimetallic strip or thermal fuse) embedded in the windings. * **Role:** If the vacuum becomes clogged and the motor overheats, this part cuts power to prevent a fire or total motor meltdown. #### D. Commutator * **Function:** A cylindrical set of copper segments at the end of the armature. * **Role:** It reverses the current direction in the coils to keep the motor spinning in one direction. --- ### 3. Peripheral Control Electronics Outside the motor housing, the QW110-R system usually includes: 1. **Speed Controller (PCB):** A small circuit board containing a **Triac** and a **Potentiometer** that allows the user to adjust suction power. 2. **Interference Suppression Capacitor (X2 Capacitor):** Used to reduce Electromagnetic Interference (EMI) so the vacuum doesn't interfere with your Wi-Fi or TV. 3. **Power Switch:** A heavy-duty latching switch designed to handle high inrush currents (often 10A-16A rated). --- ### Common Issues & Troubleshooting | Component | Symptom of Failure | | :--- | :--- | | **Carbon Brushes** | Intermittent running, "popping" noises, or visible blue sparks. | | **Bearings** | High-pitched screaming noise or physical vibration. | | **Armature** | Burnt smell and total loss of torque; motor "hums" but won't turn. | | **Thermal Fuse** | Motor will not turn on at all after a long period of use. | ---
    ✨ Follow-up Questions
    • ⤷ How do I replace the carbon brushes on a QW110-R motor?
    • ⤷ What is the compatible replacement motor for a QW110-R unit?
    • ⤷ How can I test the thermal fuse in a vacuum cleaner motor?