Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R03LD10L-S08-R

  • AI
    ### Analysis of the R03LD10L-S08-R The **R03LD10L-S08-R** is a specific electronic component, typically classified as a **Low Dropout (LDO) Linear Regulator**. Based on the part numbering convention (often associated with manufacturers like UTC - Unisonic Technologies), it is designed to provide a stable output voltage while requiring a very small difference between the input and output voltages. --- ### 1. Technical Specifications The table below highlights the primary electrical characteristics of this component: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | LDO (Low Dropout) Linear Regulator | | **Output Voltage** | 1.0V (Fixed) | | **Output Current** | Up to 300mA | | **Package Type** | SOP-8 (Small Outline Package) | | **Input Voltage Range** | Typically 2.5V to 6.0V | | **Dropout Voltage** | Very Low (approx. 200mV - 400mV at full load) | | **Packing Type** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Pin Configuration (SOP-8) In a standard SOP-8 configuration for this regulator, the pins are typically assigned as follows: 1. **V_IN**: Unregulated Input Voltage. 2. **GND**: Common Ground. 3. **V_OUT**: Regulated Output Voltage. 4. **EN/CE**: Enable/Chip Enable (High = On, Low = Off). 5. **NC**: No Internal Connection. 6. **ADJ/NC**: Adjustment pin or No Connection (depending on fixed vs. adjustable version). --- ### 3. Key Features * **Low Quiescent Current:** Designed to minimize power consumption when the device is in standby or light-load conditions. * **Stability:** Requires minimal external components (usually just a small ceramic capacitor on the input and output). * **Protections:** Usually includes thermal shutdown and current limit protection to prevent damage during a fault. * **Compact Form Factor:** The SOP-8 package allows for automated surface-mount assembly and efficient heat dissipation. --- ### 4. Typical Application Circuit To use this part in a circuit, follow this basic schematic logic: ```text [Input Voltage] ----[ C1 (1uF) ]----( VIN ) ( VOUT )----[ C2 (2.2uF) ]---- [ Load ] [Enable Signal] --------------------( EN ) [Ground] ---------------------------( GND ) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent parts for the R03LD10L-S08-R?
    • ⤷ Can this regulator be used for battery-powered applications?
    • ⤷ How does the 'L' suffix in the part number affect its thermal performance?