Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R10-R1W2DC

  • AI
    The code **R10-R1W2DC** refers to a specific type of **Fixed Resistor**. Based on standard industrial naming conventions (often used by manufacturers like Stackpole, Vishay, or Yageo), we can break down the electronic components of this part number. ### 1. Technical Specification Table | Part Segment | Component Feature | Description | | :--- | :--- | :--- | | **R10** | Resistance Value | **0.10 Ohms** ($\Omega$). "R" acts as the decimal point. | | **R1W** | Power Rating | **1 Watt**. This indicates the maximum heat dissipation. | | **2DC** | Tolerance/Package | Typically implies **±2%** tolerance and a specific **DC** (Direct Current) lead or coating type. | --- ### 2. Detailed Breakdown #### A. Resistance (R10) This is a **low-resistance** component. Resistors in the $0.1\Omega$ range are commonly used for **current sensing**. By measuring the voltage drop across this resistor, a circuit can calculate the amount of current flowing through a line without significantly obstructing the flow. #### B. Power Rating (R1W) The **1 Watt** rating indicates this is a medium-power resistor. Standard signal resistors are usually $1/8$W or $1/4$W. A 1W resistor is physically larger and designed to handle higher current loads without overheating or failing. #### C. Construction (Metal Film / Wirewound) Parts with these specifications are usually constructed in one of two ways: 1. **Metal Oxide Film:** Provides high stability and is flameproof. 2. **Wirewound:** Common for low-resistance/high-power needs, involving a wire wrapped around a ceramic core. --- ### 3. Common Applications * **Current Sensing:** Placed in series with a load to monitor power consumption. * **Voltage Division:** Used in power supply circuits to drop small amounts of voltage. * **Feedback Loops:** Used in motor controllers or LED drivers to maintain constant current. * **Protection:** Acts as a sacrificial component to limit inrush current. --- ### 4. Physical Dimensions (Typical) *Note: Dimensions vary by manufacturer, but a 1W axial resistor typically follows these specs:* ```text Length: ~9.0 mm to 12.0 mm Diameter: ~3.0 mm to 5.0 mm Leads: Tin-plated Copper ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2% tolerance in current sensing applications?
    • ⤷ Can this resistor be used in AC circuits
    • ⤷ or is it strictly for DC?
    • ⤷ What are the alternatives if a 1W resistor is overheating in a circuit?