Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R10-R1X2DC

  • AI
    The **R10-R1X2DC** is a specific part number typically associated with **Potter & Brumfield (TE Connectivity)** series of industrial relays. It belongs to the R10 family, which is renowned for its versatility and multi-pole configurations. --- ### 1. Breakdown of Part Numbering Understanding the alphanumeric code helps identify the specific electronic characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **R10** | Series Name | General-purpose, multi-pole cradle-style relay. | | **R** | Mounting/Terminal | Typically indicates PC board terminals or specific socket mounts. | | **1** | Contact Arrangement | Denotes the number of poles (e.g., 1-pole). | | **X** | Contact Form | Usually indicates Form X (Double Make) or a specific SPST configuration. | | **2** | Contact Rating | Refers to the amperage/material (e.g., 2 Amps or 5 Amps). | | **DC** | Coil Voltage Type | Indicates the relay is driven by Direct Current. | --- ### 2. Key Technical Specifications While specific values can vary slightly by manufacturer batch, the standard R10-R1X2DC specifications include: * **Coil Voltage:** Standard DC operating voltages (commonly 5V, 12V, or 24V depending on the suffix). * **Contact Configuration:** Single Pole, Single Throw (SPST) or Double Make depending on the "X" designation. * **Switching Capacity:** Generally rated for low to medium power (up to 5A at 120VAC or 30VDC). * **Dielectric Strength:** Usually 500V rms between open contacts and 1000V rms between all other elements. * **Mounting Type:** Through-hole (PCB) or plug-in socket. --- ### 3. Internal Components & Materials The relay consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** Copper winding that creates a magnetic field when DC current is applied. * **Armature:** The moving metal part that is pulled by the magnetic field to close the circuit. * **Contacts:** Often made of **Silver-Cadmium Oxide** or **Gold-flashed Silver** to prevent oxidation and ensure low contact resistance. * **Return Spring:** Ensures the contacts return to their default state (Normally Open) once power is removed from the coil. --- ### 4. Common Applications Due to its compact size and reliable switching, this part is found in: 1. **Industrial Controls:** Logic switching and signal routing. 2. **Test Equipment:** Automated testers where multiple signals need to be isolated. 3. **Medical Devices:** Control boards requiring reliable mechanical isolation.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the 12V version of this relay?
    • ⤷ Can this relay be used for AC load switching?
    • ⤷ What are the compatible sockets for the R10 series?