R10S-R1W1DC
AI

The **R10S-R1W1DC** is a specific part number for a popular series of electro-mechanical relays manufactured by TE Connectivity (Potter & Brumfield). These relays are widely used in low-level signal switching and general-purpose control circuits.
### 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Relay Type** | General Purpose / Low Signal |
| **Contact Form** | SPDT (1 Form C) |
| **Coil Voltage** | 3V DC to 115V DC (Depending on variant; usually sensitive DC) |
| **Contact Rating** | 2A to 7.5A (Application dependent) |
| **Mounting Type** | Through Hole / Plug-in |
| **Termination Style** | Solder / Plug-in Terminals |
| **Coil Resistance** | High Sensitivity (Typically "S" suffix indicates sensitive coil) |
---
### 2. Breakdown of the Part Number
To understand the electronic components of this specific relay, we can decode the nomenclature:
* **R10**: The base series designation (R10 series). Known for its transparent dust cover and versatile mounting.
* **S**: Indicates a **Sensitive** DC coil. These require significantly less power to actuate than standard coils, making them ideal for transistor-driven circuits.
* **R1**: Specifies the mounting and terminal style. "R1" typically refers to a solder terminal or a specific plug-in arrangement with a 6-32 tapped core for mounting.
* **W1**: Refers to the **Contact Rating/Material**. "W" usually denotes silver-cadmium oxide or similar materials capable of handling up to 7.5A, though "1" signifies a specific contact arrangement.
* **DC**: Indicates the input power type (Direct Current).
---
### 3. Key Electronic Components & Construction
#### A. The Electromagnetic Coil
The heart of the R10S is a fine-wire copper coil wound around a core. Because this is the "S" (Sensitive) version, the wire is thinner with more turns, resulting in high resistance. This allows the relay to trigger with very low current (often in the milliampere range).
#### B. Contact System
The **W1** contacts are designed for reliability.
* **Switching:** It acts as a mechanical switch moved by the magnetic field of the coil.
* **Wiping Action:** R10 relays are known for a "wiping" motion where the contacts rub slightly against each other upon closing, which helps break through surface oxidation.
#### C. The Armature and Spring
A mechanical return spring ensures that when power is removed from the coil, the contacts return to their "Normally Closed" (NC) position. The armature is the moving metal piece attracted by the coil's magnetism.
---
### 4. Common Applications
* **Industrial Controls:** Used in logic expansion where a low-power PLC output needs to switch a slightly higher load.
* **Communication Equipment:** Due to the sensitive coil, these are used in telecommunications and signal routing.
* **Test & Measurement:** Often found in older benchtop equipment for circuit isolation.
- ⤷
What is the maximum switching voltage for the W1 contact type?
- ⤷ How do I calculate the required driving current for a sensitive R10S coil?
- ⤷ Is there a modern solid-state alternative to the R10S relay series?