Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R18LD10L-S08-R

  • AI
    ## Technical Analysis: R18LD10L-S08-R The **R18LD10L-S08-R** is a specific part number typically associated with high-performance linear voltage regulators, manufactured by companies like **UTC (Unisonic Technologies)**. Below is a detailed breakdown of its electronic characteristics, specifications, and pin configuration. --- ### 1. General Overview This component is a **low-dropout (LDO) linear regulator** designed to provide a stable 1.8V output. It is widely used in battery-powered devices and digital circuits where voltage stability and low power dissipation are critical. ### 2. Technical Specifications | Parameter | Specification | |:---|:---| | **Part Number** | R18LD10L-S08-R | | **Output Voltage** | 1.8V (Fixed) | | **Maximum Output Current** | 1.0A | | **Package Type** | SOP-8 | | **Dropout Voltage** | Low (Typ. 0.5V @ 1A) | | **Input Voltage Range** | Up to 12V (Typical operating) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Pin Configuration (SOP-8) The SOP-8 package is a standard surface-mount format. The typical pinout for this LDO series is as follows: | Pin Number | Symbol | Description | |:---:|:---:|:---| | 1 | **VOUT** | Regulated Output Voltage (1.8V) | | 2, 3, 6, 7 | **GND** | Ground Connection / Heat Sink | | 4 | **NC** | No Connection | | 5 | **EN** | Enable Pin (High = ON, Low = OFF) | | 8 | **VIN** | Unregulated Input Voltage | --- ### 4. Key Electronic Features * **Low Quiescent Current:** Minimizes power consumption when the device is in standby or light-load conditions. * **Built-in Protection:** * **Thermal Shutdown:** Automatically turns off the device if it overheats. * **Current Limiting:** Prevents damage during short-circuit or overload conditions. * **Enable Function:** Pin 5 allows the system to toggle the regulator on or off via a logic signal, saving energy in mobile applications. ### 5. Application Circuit Example To ensure stability, LDOs require external capacitors. Below is a representation of a standard setup: ```text [Input 3.3V/5V] ----+----[ VIN ] [ VOUT ]----+---- [Output 1.8V] | | [Cin] [Cout] (10uF Ceramic) (10uF Tantalum) | | [GND] --------------+-----------[ GND ]---------+---- [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the R18LD10L-S08-R to prevent oscillation?
    • ⤷ Can this regulator be used with an input voltage higher than 12V?
    • ⤷ What is the specific thermal resistance of the SOP-8 package for this part?