Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R1D-0505-R

  • AI
    The **R1D-0505-R** is a specific type of electronic component known as a **DC/DC Converter**. It is manufactured by RECOM Power and belongs to their "Economy Line" of isolated power modules. --- ## 1. Core Technical Specifications The part number itself encodes the primary technical features: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 5V DC | Designed for stable 5V logic rails. | | **Output Voltage** | ±5V DC | Dual output (Positive and Negative 5V). | | **Power Rating** | 1 Watt | Maximum power output across both rails. | | **Isolation Voltage** | 1kV DC | Galvanic isolation between input and output. | | **Package Style** | SMD | Surface Mount Device (R-Suffix). | | **Efficiency** | ~75% | Typical efficiency at full load. | --- ## 2. Key Internal Components While this is a "black box" module, the internal circuit typically consists of the following sections: ### A. The Oscillator & Switching Circuit * **Purpose:** Converts the 5V DC input into a high-frequency AC signal. * **Mechanism:** Uses a high-frequency switching transistor (MOSFET) to drive an internal miniature transformer. ### B. Isolation Transformer * **Purpose:** The heart of the "Galvanic Isolation." * **Function:** Transfers energy via a magnetic field, ensuring there is no direct electrical connection between the input side and the output side. This prevents ground loops and protects sensitive components. ### C. Rectification & Filtering * **Purpose:** Converts the AC from the transformer back into stable DC. * **Mechanism:** Includes diodes and small ceramic capacitors to smooth the voltage ripple for the +5V and -5V outputs. --- ## 3. Pin Configuration & Mechanicals The **"R"** in the part number indicates a **Reel** or **Surface Mount (SMD)** package. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | -Vin | Ground/Input Return | | **2** | +Vin | +5V Input Supply | | **4** | Com | Common Ground (Output side) | | **5** | -Vout | -5V Output Rail | | **8** | +Vout | +5V Output Rail | --- ## 4. Typical Applications * **Operational Amplifiers (Op-Amps):** Many high-precision Op-Amps require a dual supply (e.g., +5V and -5V) to process signals around the zero-volt cross point. * **RS-232/RS-485 Communication:** Used to provide isolated power to communication transceivers to prevent noise interference. * **Sensor Interfaces:** Providing clean, isolated power to analog sensors in industrial environments. --- ## 5. Circuit Symbol Example ```text +--------+ Vin+ -| |- Vout+ | R1D- |- Com (0V) Vin- -| 0505-R |- Vout- +--------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R1D and the R1S series from RECOM?
    • ⤷ Can this module be used with a 12V input instead of 5V?
    • ⤷ Does this DC/DC converter require external capacitors for stability?