AI

The **R1M-GH2T-R** is a specific model within the R1M series of remote I/O modules manufactured by **M-System**. This device is primarily used in industrial automation for data acquisition, specifically for converting analog signals from sensors into digital data for a host PC or PLC.
---
## 1. Technical Specifications
Below is a breakdown of the key electronic components and technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (8 channels) / DC mV |
| **Network Interface** | RS-485 |
| **Protocol** | Modbus-RTU |
| **Power Input** | 24V DC |
| **Resolution** | 16-bit |
| **Isolation** | Input to Power to Network |
| **Mounting** | DIN Rail |
---
## 2. Core Electronic Functions
### A. Analog-to-Digital Conversion (ADC)
The "heart" of the R1M-GH2T-R is its **16-bit A/D converter**.
* It samples signals from up to 8 thermocouple inputs (Types K, E, J, T, B, R, S, N) or DC millivolt ranges.
* The high resolution allows for precise temperature measurements in industrial furnaces or chemical processes.
### B. Cold Junction Compensation (CJC)
Because it handles thermocouples, the unit contains a **CJC sensor** located at the terminal block. This compensates for the ambient temperature at the connection point to ensure the voltage reading accurately reflects the temperature at the sensor tip.
### C. Communication Interface (RS-485)
The unit uses a standard **RS-485 physical layer**. This allows for:
* **Multi-drop Networking:** Connecting multiple R1M units (up to 31) on a single pair of wires.
* **Long Distance:** Reliable data transmission over hundreds of meters in electrically noisy environments.
### D. Isolation & Protection
To protect the host system from surges or ground loops, the R1M-GH2T-R features:
* **Three-way isolation:** The Input, Power, and Communication circuits are electrically separated.
* **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute.
---
## 3. Terminal Configuration
The unit typically uses a M3 screw terminal layout. The electronic wiring is generally categorized as follows:
1. **Terminals 1-16:** Analog Input channels (High/Low for 8 sensors).
2. **Power Terminals:** 24V DC connection.
3. **Communication Terminals:** RS-485 (A, B, and Shield/Common).
---
## 4. Usage in Systems
In a control architecture, the R1M-GH2T-R acts as a **Slave Device**.
1. The **Master** (SCADA system or PLC) sends a Modbus query.
2. The **R1M-GH2T-R** processes the analog sensor data.
3. It sends back a digital packet representing the temperature or voltage value.
- ⤷
What is the maximum number of R1M modules that can be daisy-chained on a single RS-485 line?
- ⤷ How do you configure the Modbus station address on this specific hardware?
- ⤷ Does the R1M-GH2T-R support Pt100 RTD sensors
- ⤷ or is it strictly for thermocouples?