R1MS-GH3T-R
AI

The **R1MS-GH3T-R** is a high-performance **Surface Mount (SMD) Fast Recovery Rectifier Diode**. It is primarily used in power management circuits where high-speed switching and low power loss are critical requirements.
---
## 1. Key Specifications
Below are the primary technical parameters for the R1MS-GH3T-R:
| Parameter | Value |
| :--- | :--- |
| **Package Type** | SOD-123FL (Small Outline Diode) |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000V |
| **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.0A |
| **Peak Forward Surge Current ($I_{FSM}$)** | 30A (8.3ms single half sine-wave) |
| **Maximum Reverse Recovery Time ($t_{rr}$)** | 500ns |
| **Forward Voltage Drop ($V_F$)** | ~1.3V @ 1.0A |
| **Operating Junction Temperature** | -55°C to +150°C |
---
## 2. Component Features
* **Fast Switching:** The "Fast Recovery" characteristic (500ns) allows it to handle high-frequency rectification with minimal switching losses.
* **Low Profile Design:** The SOD-123FL package is specifically designed for space-constrained PCB layouts, offering a lower height compared to standard SMA packages.
* **High Voltage Rating:** With a 1000V peak reverse voltage rating, it is robust enough for AC-DC rectification and high-voltage snubber circuits.
* **Glass Passivated Chip Junction:** Ensures high reliability and stability over a wide temperature range.
---
## 3. Applications
This part is commonly found in the following electronic systems:
1. **Switching Mode Power Supplies (SMPS):** Used for secondary-side rectification.
2. **Inverters:** For DC-to-AC conversion processes.
3. **Freewheeling Diode:** Protects circuits from voltage spikes generated by inductive loads (motors, relays).
4. **Lighting:** LED driver circuits and electronic ballasts.
---
## 4. Package Dimensions (SOD-123FL)
The SOD-123FL package is a 2-pin surface mount device.
```text
[Cathode Band]
+-----------+
| | |
[K] |-----|-----| [A]
| | |
+-----------+
```
* **K (Cathode):** Marked with a polarity band.
* **A (Anode):** The opposite terminal.
- ⤷
What are the main differences between the R1MS and the standard RS1M diode?
- ⤷ Can this diode be used in high-frequency DC-DC converters above 1MHz?
- ⤷ What is the thermal resistance rating for the SOD-123FL package?