R1MX55L-SH2-R
AI

## R1MX55L-SH2-R: Electronic Component Analysis
The **R1MX55L-SH2-R** is a specific part number typically associated with high-density, high-speed **Board-to-Board (BtB) connectors**, often manufactured by companies like **JAE (Japan Aviation Electronics)** or similar precision component firms. These are widely used in mobile devices, wearables, and compact telecommunications hardware.
---
### 1. General Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Board-to-Board / Mezzanine Connector |
| **Mounting Type** | Surface Mount (SMT) |
| **Pitch** | 0.35 mm to 0.4 mm (Ultra-fine pitch) |
| **Stacking Height** | Low profile (often 0.6mm to 1.5mm) |
| **Contact Material** | Copper Alloy (Gold plated over Nickel) |
| **Orientation** | Straight / Vertical |
---
### 2. Key Electronic Features
#### A. High-Speed Transmission
These connectors are engineered to handle high-frequency signals. They are commonly used for MIPI (Mobile Industry Processor Interface), PCIe, and USB 3.0/4.0 protocols within internal circuitry.
#### B. Shielding and Grounding
The "SH" in many part numbers refers to **Shielding**.
* **EMI Protection:** The connector includes metal shells or internal ground plates to reduce Electromagnetic Interference (EMI).
* **Signal Integrity:** By providing a clear return path for current, it ensures high signal integrity in densely packed electronic environments.
#### C. Power and Signal Pins
* **Dedicated Power Pins:** Some variations include wider terminals at the ends of the connector to handle higher current (Amps) for battery or charging circuits, while the inner pins handle low-current data signals.
---
### 3. Application Use-Cases
1. **Smartphones:** Connecting the main PCB (Motherboard) to the Sub-PCB (Charging port/Antenna) or the Display (LCD/OLED).
2. **Wearables:** Connecting sensors or heart rate monitors to the main processor in smartwatches.
3. **Camera Modules:** High-bandwidth data transfer from a CMOS sensor to the Image Signal Processor (ISP).
---
### 4. Part Number Breakdown (General Pattern)
| Segment | Meaning |
| :--- | :--- |
| **R1MX** | Series identifier (High-speed, micro-pitch series). |
| **55** | Total number of positions (pins/contacts). |
| **L** | Low-profile designation. |
| **SH2** | Shielding version 2 / Hardware reinforcement. |
| **R** | Packaging type (usually **Tape & Reel** for automated assembly). |
---
- ⤷
What is the maximum current rating per pin for the R1MX55L-SH2-R?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT connector?
- ⤷ Does this connector support 5G millimeter-wave signal frequencies?