R1S-0505-R
AI

### Overview of the R1S-0505-R
The **R1S-0505-R** is a high-quality, sub-miniature **DC/DC Converter** manufactured by RECOM Power. It is part of the R1S series, specifically designed for applications requiring local power isolation on a PCB where space is at a premium.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 5V DC (Nominal) |
| **Output Voltage** | 5V DC |
| **Output Power** | 1 Watt |
| **Isolation Voltage** | 1kV DC (Standard) |
| **Efficiency** | 72% - 78% (Typical) |
| **Package Type** | SMD (Surface Mount Device) |
| **Operating Temperature** | -40°C to +100°C (with derating) |
---
### Detailed Component Analysis
#### 1. Pin Configuration and Form Factor
The "R" suffix in the part number denotes the **SMD package**. This part is designed for automated "pick-and-place" assembly. Unlike Through-Hole (THT) components, it sits directly on the surface of the PCB, making it ideal for compact electronic designs.
#### 2. Galvonic Isolation
One of the primary functions of this part is to provide **1kV DC isolation**. This means it prevents ground loops and protects sensitive logic-level components from high-voltage surges or noise originating from the input side.
#### 3. Unregulated Output
The R1S-0505-R is an **unregulated** converter. This means:
* The output voltage is not strictly fixed at 5.00V.
* The output voltage will fluctuate slightly depending on the load (current draw) and the stability of the input voltage.
* It is best used when the input is already pre-regulated.
#### 4. Typical Applications
* **Digital Interface Isolation:** Isolating RS232, RS485, or CAN bus interfaces.
* **Sensor Power:** Providing clean, isolated power to analog sensors to reduce noise interference.
* **Industrial Controls:** Breaking ground loops in complex industrial PLC environments.
---
### Internal Functional Block Diagram
While the device is a single black-box component, its internal architecture consists of:
1. **Oscillator:** Converts DC input to high-frequency AC.
2. **Transformer:** Provides the physical isolation and voltage scaling.
3. **Rectifier/Filter:** Converts AC back to DC for the output.
```mermaid
graph LR
A[5V DC Input] --> B[Switching Circuit]
B --> C[Isolation Transformer]
C --> D[Rectification & Filtering]
D --> E[5V DC Isolated Output]
```
---
- ⤷
What is the difference between the R1S and the R1D series?
- ⤷ How does the output voltage change under a 10% load condition?
- ⤷ Are there versions of this part with higher isolation ratings?