R25LD10-TF4-R
AI

The **R25LD10-TF4-R** is a specific low-dropout (LDO) linear voltage regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, regulated output voltage with minimal difference between the input and output voltages.
---
## 1. Technical Specifications
Below are the primary technical parameters for the R25LD10-TF4-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | 2.5V (Fixed) |
| **Max Output Current ($I_{OUT}$)** | 1.0A |
| **Dropout Voltage ($V_{DROP}$)** | Typically 0.5V @ 1A |
| **Operating Input Voltage ($V_{IN}$)** | Up to 12V |
| **Package Type** | TO-252 (DPAK) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Pin Configuration
The device usually follows a standard 3-pin configuration for the TO-252 package:
1. **Pin 1 (Input - $V_{IN}$):** The unregulated DC supply input.
2. **Pin 2 (Ground/Case):** Common ground connection, also acts as a heat sink.
3. **Pin 3 (Output - $V_{OUT}$):** Regulated 2.5V output.
---
## 3. Key Features
* **Low Dropout Voltage:** Efficiently operates even when the input voltage is only slightly higher than the 2.5V output.
* **Internal Protection:**
* **Current Limiting:** Protects the device during overload or short-circuit conditions.
* **Thermal Shutdown:** Shuts down the regulator if the junction temperature exceeds safe limits to prevent permanent damage.
* **Stability:** Designed to be stable with low-ESR ceramic or tantalum output capacitors.
---
## 4. Part Number Breakdown
The naming convention for UTC parts follows a specific logic:
* **R25:** Indicates a fixed output voltage of **2.5V**.
* **LD10:** Refers to the series (**L**ow **D**ropout) and the current rating (**1.0A**).
* **TF4:** Specifies the **TO-252** package type.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
---
## 5. Typical Application Circuit
To ensure stability, external capacitors are required:
```c
Input (Vin) ----[ C1 ]---- (Pin 1) [ R25LD10 ] (Pin 3) ----[ C2 ]---- Output (2.5V)
| |
(Pin 2) GND
|
GND
```
* **C1 (Input Capacitor):** 10µF Tantalum or Electrolytic to filter supply noise.
* **C2 (Output Capacitor):** 10µF to 22µF to ensure loop stability and transient response.
- ⤷
What are the equivalent alternatives to the R25LD10 from other manufacturers like TI or ON Semi?
- ⤷ How do I calculate the power dissipation for this regulator in my circuit?
- ⤷ Can this regulator handle a 12V input if the output is only 2.5V?