R33LD10L-S08-R
AI

## R33LD10L-S08-R: Electronic Specifications and Overview
The **R33LD10L-S08-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed to provide a stable output voltage from a higher, fluctuating input voltage with minimal power loss.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its key characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **R33** | Output Voltage: 3.3V fixed output |
| **LD10** | Series name (Low Dropout, 1.0A current capability) |
| **L** | Lead-free / Halogen-free plating |
| **S08** | Package Type: SOP-8 |
| **R** | Packing: Tape & Reel |
---
### 2. Key Technical Specifications
The device is optimized for efficiency in low-voltage applications.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Max Output Current** | 1.0 Ampere |
| **Dropout Voltage** | Typically 0.5V @ 1.0A |
| **Input Voltage Range** | Up to 12V (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Quiescent Current** | ~5mA (Load dependent) |
---
### 3. Features and Protection
The R33LD10L-S08-R includes several internal safety features to ensure long-term reliability:
* **Internal Current Limiting:** Protects the IC against output short-circuits or excessive load.
* **Thermal Shutdown:** Automatically shuts off the device if the junction temperature exceeds safe limits (usually around 150°C).
* **Low Dropout Voltage:** Allows the device to maintain a 3.3V output even when the input voltage is as low as ~3.8V.
* **SOP-8 Package:** A compact surface-mount design suitable for automated assembly.
---
### 4. Typical Application Circuit
To ensure stability, the R33LD10L-S08-R requires external capacitors.
```c
[Input Vin] ----+-----------+
| [IC]
[C_in: 10uF] [R33LD10L]
| [Out Vout] ----+---- [Output 3.3V]
[GND] ----------+-----------+ |
[C_out: 10uF - 22uF]
|
[GND] -------- [GND]
```
* **C_in:** Essential if the regulator is located far from the power source filter.
* **C_out:** Mandatory for stability. Low ESR tantalum or electrolytic capacitors are recommended.
---
### 5. Common Applications
* Battery-powered equipment (due to low dropout).
* Microprocessor and Microcontroller power supplies.
* Post-regulation for switching power supplies to reduce noise.
* Wireless communication modules requiring a stable 3.3V rail.
- ⤷
What is the maximum power dissipation for the SOP-8 version of this IC?
- ⤷ Can this regulator be used with ceramic output capacitors?
- ⤷ What is the recommended input voltage for optimal efficiency?