R6D-PF1-R
AI

The **R6D-PF1-R** is a specific electronic component belonging to the **R6D series** of power connectors/terminals, typically manufactured by companies like **JST** (Japan Solderless Terminals) or similar high-current hardware providers.
Below is a technical breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications
The R6D-PF1-R is a **power terminal** designed for high-current applications, often used in busbar connections or power distribution units.
| Feature | Specification Details |
| :--- | :--- |
| **Part Number** | R6D-PF1-R |
| **Component Type** | Crimp Terminal / Power Contact |
| **Material** | Copper Alloy (High Conductivity) |
| **Plating** | Tin-plated (Standard) or Silver-plated (Optional) |
| **Current Rating** | High (Typically 30A - 100A+ depending on wire gauge) |
| **Mounting Style** | Board-to-Wire or Busbar Interface |
---
### 2. Key Electronic Parts & Construction
The "parts" of this component are integrated into its physical design to ensure electrical efficiency:
#### A. Crimp Barrel
The rear section of the part where the electrical conductor (wire) is inserted. It is engineered for a "cold weld" connection when crimped, ensuring minimal contact resistance.
#### B. Contact Interface (PF1 Geometry)
The "PF1" designation usually refers to the specific geometry of the mating surface. This area is designed for:
* **Low Voltage Drop:** Maximizing the surface area contact to prevent heat buildup.
* **High Normal Force:** Ensuring the connection remains stable under vibration.
#### C. Base Material (Copper Alloy)
The core "electronic part" is the high-purity copper alloy. It provides the low resistance necessary to carry high amperage without melting the surrounding housing.
#### D. Surface Plating
The "R" suffix often denotes specific RoHS compliance or a specific reel packaging/plating style. The plating (usually Tin) prevents oxidation of the copper, which would otherwise increase resistance and cause thermal failure.
---
### 3. Typical Applications
These parts are commonly found in the following electronic assemblies:
1. **Industrial Power Supplies:** Connecting AC/DC rails to distribution boards.
2. **Electric Vehicle (EV) Chargers:** Handling high-current transfer to battery modules.
3. **Server Racks:** Used in "Busbar" systems to distribute power across multiple blade servers.
4. **Inverters:** Connecting high-capacity capacitors to the main circuit.
---
### 4. Safety and Compliance
* **RoHS Compliant:** Free from lead and other hazardous substances.
* **UL Recognized:** Tested for safety in high-heat and high-current environments.
- ⤷
What is the maximum current rating for the R6D-PF1-R?
- ⤷ What specific crimping tool is recommended for this part?
- ⤷ Does this component support silver plating for higher conductivity?