R6S-PF1-R
AI

The **R6S-PF1-R** is a specific electronic component, typically categorized as a **Remote I/O Module** within the **R6 Series** manufactured by **M-System** (now part of MG CO., LTD). It is designed to bridge analog or discrete field signals with a network protocol, specifically serving as a power supply or interface base.
---
### 1. General Specifications
The R6S-PF1-R acts as a foundational component for the ultra-slim R6 Series remote I/O system. Below are the primary technical details:
| Attribute | Specification |
| :--- | :--- |
| **Series** | R6 Series (Ultra-slim Remote I/O) |
| **Model Function** | Power Supply Module |
| **Input Voltage** | 24V DC (±10%) |
| **Output Voltage** | Internal Bus Power (distributed to I/O modules) |
| **Mounting** | DIN Rail Mounting |
| **Redundancy** | Optional redundancy support (depending on the base) |
---
### 2. Key Features
The "R6S" designation indicates a specific sub-type within the R6 family. Its electronic architecture is defined by the following characteristics:
* **Compact Form Factor:** The "S" in R6S often denotes a specific slimness or terminal style (often screw terminals), designed to save space in electrical cabinets.
* **Galvanic Isolation:** Provides electrical isolation between the power input and the internal communication bus to protect sensitive PLC/DCS components.
* **LED Status Indicators:** Features visual diagnostics for "Power" status, allowing technicians to verify the health of the 24V DC feed.
* **Hot-Swappability:** Designed to allow I/O modules on the same base to be replaced without shutting down the entire system (depending on the base unit used).
---
### 3. Electronic Architecture (Internal Logic)
Internally, the R6S-PF1-R functions as a **DC-DC Converter** and **Bus Interface**:
1. **Filtering Stage:** Filters transient noise from the 24V DC plant power.
2. **Regulation:** Converts input voltage to a stabilized internal voltage required by the CPU and I/O modules.
3. **Backplane Connection:** Distributes power and ground through a multi-pin connector located on the side or rear of the module.
---
### 4. Connection Diagram Example
While specific wiring depends on the base, the standard power input follows this logic:
```text
Terminal No. | Function
--------------|-----------
1 | +24V DC
2 | 0V (GND)
3 | Functional Earth (FE)
```
- ⤷
What is the maximum current capacity for the R6S-PF1-R internal bus?
- ⤷ How does the R6S-PF1-R differ from the standard R6-PF1 model?
- ⤷ Which network protocols (Modbus
- ⤷ Profibus
- ⤷ etc.) is this module compatible with?