AI

The **R7D-TS4-R/Q** is a specific model within the **OMRON SmartStep 2** series of AC Servo Drives. These drives are designed to be compact, user-friendly, and capable of high-performance motion control.
---
## 1. Technical Specifications
The "TS4" designation refers to the power output and voltage rating of the drive.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | Single-phase 200 to 240 VAC |
| **Rated Output Power** | 400 Watts |
| **Supported Motor** | R88M-G series (Cylindrical and Flat types) |
| **Control Method** | All-digital IGBT PWM control |
| **Feedback** | Incremental Encoder (typically 10,000 pulses/rev) |
---
## 2. Model Variations (-R vs -Q)
The suffix determines the command interface used to communicate with the PLC or Controller:
* **R7D-TS4-R:** Pulse Train Input. This model accepts step/direction pulses, making it compatible with standard position controllers.
* **R7D-TS4-Q:** Built-in DeviceNet or specific Fieldbus communication. This allows for networked control and parameter configuration over a single cable.
---
## 3. Key Electronic Components & Functions
The internal architecture of the R7D-TS4-R/Q consists of several critical electronic stages:
### A. Power Conversion Stage
* **Rectifier:** Converts incoming AC voltage to DC.
* **DC Bus/Capacitors:** Filters and stores energy to handle sudden current draws during motor acceleration.
* **IGBT Inverter (Power Module):** Switches the DC power back into a 3-phase variable frequency/voltage output to drive the servo motor.
### B. Control Logic
* **Digital Signal Processor (DSP):** Handles high-speed calculations for current, velocity, and position loops.
* **Isolation Circuits:** Opto-couplers are used on the I/O pins to prevent electrical noise from the high-voltage side from damaging the low-voltage control signals.
### C. Interface Ports (Terminals)
1. **Main Power (L1, L3):** 200V AC Input.
2. **Motor Output (U, V, W):** Power output to the R88M-G motor.
3. **CN1 (Control I/O):** Connection for Pulse signals, Limit switches, and Alarms.
4. **CN2 (Encoder):** Receives feedback from the motor to ensure precise positioning.
---
## 4. Notable Features
* **Auto-tuning:** The electronics include an algorithm that automatically calculates the optimum gain for the machine's load.
* **Vibration Suppression:** Built-in filters to reduce mechanical resonance during operation.
* **Compact Form Factor:** Designed for side-by-side mounting to save space in electrical cabinets.
- ⤷
What are the differences in wiring between the R and Q versions?
- ⤷ Which specific R88M-G motor models are compatible with this 400W drive?
- ⤷ How do I configure the electronic gear ratio for this servo drive?