R7D-YS2-R
AI

The **R7D-YS2-R** is a specific electronic component within the **OMRON OMNUC G5 Series** of AC Servo Drives. It is designed to work in conjunction with high-performance rotary servo motors to provide precise motion control.
---
## 1. Core Technical Specifications
The part number defines the electrical characteristics and physical form factor of the drive:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | AC Servo Drive (G5 Series) |
| **Input Voltage** | Single-phase 200 to 240 VAC |
| **Output Power** | 200 Watts |
| **Supported Motor** | R88M-K (Rotary Servo Motors) |
| **Communication** | Pulse Train and Analog Input |
---
## 2. Key Electronic Components & Interfaces
The internal and external electronic architecture of the R7D-YS2-R is built for high-speed response and safety.
### A. Power Circuitry
* **Rectifier Section:** Converts the AC input voltage to DC.
* **Inverter Section:** Uses IGBTs (Insulated Gate Bipolar Transistors) to pulse-width modulate (PWM) the DC voltage back into a variable frequency/voltage AC output for the motor.
* **Regenerative Circuit:** Manages the energy returned to the drive when the motor decelerates, preventing overvoltage.
### B. Control Logic & Feedback
* **Encoder Interface:** Connects to the motor's absolute or incremental encoder to provide real-time position and speed feedback.
* **Pulse Train Input:** Allows a PLC (Programmable Logic Controller) to send position commands via high-speed pulses.
* **Digital I/O:** Includes dedicated terminals for:
* **Forward/Reverse Drive Prohibited (Limit switches)**
* **Origin Proximity Input**
* **External Latch Signals**
### C. Safety and Protection
* **Built-in Protection:** Overcurrent, Overvoltage, Undervoltage, and Overload protection.
* **Safety Features:** Often includes a "Safe Torque Off" (STO) function to ensure the motor cannot generate torque in an emergency.
---
## 3. Wiring and Connection Layout
The unit features several distinct electronic connection blocks:
1. **Main Power Connector (L1, L3):** Input for the 200V AC power source.
2. **Motor Power Connector (U, V, W):** Output to the servo motor coils.
3. **Control Connector (CN1):** 50-pin or similar interface for I/O signals and pulse commands.
4. **Encoder Connector (CN2):** Dedicated high-speed feedback channel.
5. **USB/Serial Port:** For connection to Omron's *CX-Drive* software for tuning and parameter configuration.
---
## 4. Part Number Breakdown: R7D-YS2-R
To understand the specific electronic variant, see the breakdown below:
* **R7D:** Series identifier (OMNUC G-Series).
* **Y:** General-purpose type (Pulse/Analog).
* **S:** Single-phase power supply.
* **2:** 200W capacity.
* **R:** Revision or specialized feature indicator.
- ⤷
What are the compatible motor models for the R7D-YS2-R?
- ⤷ How do I configure the pulse input parameters using CX-Drive software?
- ⤷ What is the difference between the R7D-YS2 and the R7D-BP models?