Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R7F4DH-1DAC16D-R

  • AI
    The **R7F4DH-1DAC16D-R** belongs to the **Renesas RA4D1** group of microcontrollers. These are 32-bit MCUs based on the Arm® Cortex®-M4F core, specifically designed for applications requiring high-performance human-machine interfaces (HMI) and graphic control. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4F @ 120 MHz | | **Memory (Flash)** | 1.0 MB (Code Flash) | | **Memory (SRAM)** | 512 KB | | **Operating Voltage** | 2.7V to 3.6V | | **Display Controller** | Integrated 2D Drawing Engine (GLCDC) | | **Package** | 100-pin TFLGA / LQFP | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Blocks The "electronic parts" or internal modules that define this MCU's capabilities include: #### A. Graphics and Display Support This is the primary differentiator for the RA4D1 series. * **GLCDC (Graphic LCD Controller):** Supports interface to RGB-type LCD panels. * **2D Drawing Engine:** Hardware acceleration for drawing lines, rectangles, and bit-block transfers (BitBLT), which offloads the CPU from heavy UI rendering. * **JPEG Decoder:** Hardware-based decompression for viewing images. #### B. Memory Architecture * **Flash Memory:** 1MB for application code and image assets. * **SRAM:** High density (512KB) to act as a frame buffer for small displays or as workspace for complex algorithms. * **Data Flash:** 8KB for E2PROM emulation (storing non-volatile configuration data). #### C. Connectivity and Analog * **Communication:** Includes standard interfaces such as UART, SPI, I2C, and USB 2.0 Full Speed. * **Analog-to-Digital (ADC):** 12-bit ADC for sensor interfacing. * **Digital-to-Analog (DAC):** 12-bit DAC for signal generation. --- ### 3. Naming Convention Breakdown The part number **R7F4DH-1DAC16D-R** follows Renesas's standard coding: * **R7F:** Renesas Family. * **4D:** RA4 Series (General Purpose / Graphics focused). * **H:** High performance / High Pin count variation. * **1:** Flash memory size indicator (1.0 MB). * **D:** Performance/Feature set identifier. * **AC:** Package type. * **16D:** Version/Revision code. * **-R:** Refers to Tape & Reel packaging for automated manufacturing. --- ### 4. Typical Applications Due to its integrated 2D acceleration and large RAM, it is commonly found in: 1. **Smart Thermostats:** Managing color touchscreens. 2. **Medical Monitors:** Displaying real-time waveforms. 3. **Industrial Control Panels:** Providing HMI for machinery. 4. **Fitness Equipment:** Wearables or consoles requiring a GUI.
    ✨ Follow-up Questions
    • ⤷How does the 2D Drawing Engine reduce power consumption compared to software rendering?
    • ⤷ What are the recommended development boards for the Renesas RA4D1 series?
    • ⤷ Can this MCU support external memory expansion for larger frame buffers?