R7F4DH-2DAC32B-R
AI

The **R7F4DH-2DAC32B-R** is a specific part number belonging to the **Renesas RA4D1** series of microcontrollers. These are 32-bit MCUs based on the Arm® Cortex®-M4F core, designed for high-performance applications that require advanced connectivity and human-machine interface (HMI) capabilities.
---
### 1. Key Technical Specifications
The part number encodes specific hardware capabilities. Below is a breakdown of the core electronic specifications for this device:
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M4 with FPU (Floating Point Unit) |
| **Clock Speed** | Up to 100 MHz |
| **Flash Memory** | 2 MB |
| **SRAM** | 640 KB |
| **Voltage Range** | 2.7V to 3.6V |
| **Package** | 100-pin LQFP (Low-profile Quad Flat Package) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Specialized Peripheral Modules
This microcontroller is distinguished by several integrated electronic modules that reduce the need for external components:
#### A. Graphics and Display
* **LCD Controller:** Integrated support for driving display panels directly.
* **2D Drawing Engine:** Hardware acceleration for graphics rendering, reducing CPU load during UI updates.
#### B. Connectivity
* **USB 2.0 Full-Speed:** Support for Device/Host modes.
* **CAN FD:** High-speed Controller Area Network for industrial or automotive communications.
* **Ethernet MAC:** Built-in controller for network connectivity (requires external PHY).
* **SCI / SPI / I2C:** Multiple serial interfaces for communication with sensors and EEPROMs.
#### C. Analog Components
* **12-bit ADC:** High-speed Analog-to-Digital Converter for sensor data acquisition.
* **12-bit DAC:** Digital-to-Analog Converter for signal generation.
* **Analog Comparators:** For real-time monitoring of voltage thresholds.
---
### 3. Part Number Decoder
Understanding the "R7F4DH-2DAC32B-R" string:
| Segment | Meaning |
| :--- | :--- |
| **R7F** | Renesas Family (RA Series) |
| **4D** | RA4 Series (General Purpose / Graphics) |
| **H** | High-performance sub-group |
| **2** | 2 MB Flash Memory |
| **D** | 100-pin package |
| **AC** | Specific feature set/Revision |
| **-R** | Tape and Reel packaging (for automated assembly) |
---
### 4. Typical Applications
Due to its high memory density and graphics acceleration, this part is commonly used in:
* **Smart Home Panels:** Thermostats and security system interfaces.
* **Industrial HMI:** Control panels for factory machinery.
* **Medical Devices:** Handheld diagnostic tools with graphical displays.
* **IoT Gateways:** Devices requiring both high security and network connectivity.
- ⤷
What are the power consumption profiles for the RA4D1 series in deep sleep mode?
- ⤷ Does this MCU support Secure Boot or hardware-based cryptography?
- ⤷ Which IDEs and compilers are recommended for developing on the R7F4DH series?