Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R7F4DH-2DC16B-R

  • AI
    The **R7F4DH-2DC16B-R** is an industrial-grade networking and computing module, typically part of a specific manufacturer's PLC (Programmable Logic Controller) or Remote I/O series (often associated with CC-Link IE Field systems). Below is the technical breakdown of its electronic components and specifications. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **I/O Type** | Digital/Discrete Input & Output | | **Input Channels** | 16 Channels | | **Output Channels** | 16 Channels | | **Voltage Rating** | 24V DC | | **Communication Protocol** | CC-Link IE Field Basic | | **Connection Type** | 2-tier Terminal Block (often push-in) | | **Mounting** | DIN Rail | --- ### Key Electronic Components & Functions #### 1. Digital Input Section * **Optocouplers:** Used for electrical isolation between the external field sensors and the internal logic. This protects the internal CPU from voltage spikes. * **Filtering Circuits:** RC filters are integrated to debounce signals from mechanical switches or noisy industrial environments. #### 2. Digital Output Section * **Transistor Switching:** Usually utilizes NPN (Sinking) or PNP (Sourcing) transistors to drive loads like solenoids, relays, or indicator lights. * **Protection Circuitry:** Includes freewheeling diodes to prevent damage from inductive kickback and short-circuit protection. #### 3. Communication Interface * **Ethernet PHY:** A physical layer transceiver responsible for handling the high-speed data transmission over the CC-Link IE network. * **Microcontroller (MCU):** An onboard processor (likely from the Renesas family, given the "R7F" prefix) that manages I/O scanning and protocol stack processing. #### 4. Power Management * **DC-DC Converter:** Steps down the 24V DC field power to 3.3V or 5V required for the internal logic and communication chips. * **Reverse Polarity Protection:** A diode bridge or MOSFET-based circuit to prevent damage if the power supply leads are swapped. --- ### Typical Application Diagram ```mermaid graph LR A[Sensors] --> B[R7F4DH Input Terminals] B --> C[Isolation/Optocouplers] C --> D[Internal MCU] D --> E[CC-Link IE Network] D --> F[Output Drivers] F --> G[Actuators/Relays] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity per output channel for this module?
    • ⤷ Does this model support NPN or PNP logic for the digital inputs?
    • ⤷ What are the specific diagnostic LEDs available on the front panel?