R7FN-DC16B-R/Q
AI

The **R7FN-DC16B-R/Q** is a specific remote I/O terminal module manufactured by **OMRON**. It belongs to the **R7 Series** and is designed for use with the **DeviceNet** network protocol.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model** | R7FN-DC16B-R (Standard) / Q (Specific variants) |
| **I/O Type** | Digital Input |
| **Number of Points** | 16 Inputs |
| **Input Type** | NPN / PNP (Depending on wiring) |
| **Network Protocol** | DeviceNet |
| **Rated Voltage** | 24 VDC |
| **I/O Connection** | M3 screw terminals |
| **Housing Material** | Polycarbonate / ABS Resin |
---
### 2. Core Electronic Components and Functions
The internal circuitry of the R7FN-DC16B-R/Q consists of several critical stages:
#### A. Network Communication Interface
* **DeviceNet Transceiver:** Manages physical layer communication over the CAN bus (Controller Area Network) used by DeviceNet.
* **Microcontroller (MCU):** Processes the data packets and handles the addressing (Node ID) and communication baud rate settings.
#### B. Input Circuitry (Digital Inputs)
* **Optoisolators (Photocouplers):** These provide galvanic isolation between the field-side input signals and the internal logic. This protects the network and internal electronics from voltage spikes or electrical noise coming from the field sensors.
* **LED Indicators:** The "IN" indicators on the front panel represent the status of each of the 16 input bits.
#### C. Power Supply Section
* **Internal DC-DC Converter:** Converts the 24V field power into regulated lower voltages (typically 3.3V or 5V) required for the internal logic and communication chips.
* **Protection Circuitry:** Includes reverse polarity protection and basic surge suppression.
#### D. Configuration Switches
* **Rotary Switches:** Used to set the Node Address (0-63).
* **DIP Switches:** Used to configure the communication speed (Baud rate: 125k, 250k, or 500k bps) and other operational modes.
---
### 3. Connection and Wiring Overview
The module uses a terminal block structure for simplified wiring:
* **V+ / V-:** Power supply for the internal circuitry and the input devices.
* **0 through 15:** Terminals for the 16 individual input signals.
* **COM:** Common terminal for the inputs.
* **DeviceNet Connector:** A specific 5-pin connector (V+, CAN_H, Drain, CAN_L, V-) for the communication cable.
---
### 4. Part Number Breakdown
* **R7FN:** Remote I/O terminal series for DeviceNet.
* **DC16:** Indicates 16 DC input points.
* **B:** Terminal block style (M3 screws).
* **R:** Standard model.
* **Q:** Often indicates a specific branding or regional variation (sometimes associated with the "Square" or specific compliance markings).
- ⤷
How do you set the Node Address on an OMRON R7FN module?
- ⤷ What is the maximum current consumption of the R7FN-DC16B-R/Q?
- ⤷ Can this module be used with EtherNet/IP instead of DeviceNet?