Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R7HL-PA2SA4-R

  • AI
    The **R7HL-PA2SA4-R** is a specific model within the **Omron G7L series** of power relays. It is a high-capacity, heavy-duty component designed for switching large electrical loads, commonly used in HVAC systems, industrial machinery, and home appliances. --- ### 1. Technical Specifications The part number can be broken down into specific electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Contact Form** | DPST-NO | Double Pole Single Throw, Normally Open | | **Load Capacity** | 25 Amperes | Capable of handling high current loads | | **Rated Voltage** | 200/240 VAC | Designed for standard industrial/commercial AC lines | | **Mounting Type** | PCB Mounting | Features solder pins for printed circuit board integration | | **Terminal Type** | Solder Terminals | Standard pins for direct board attachment | --- ### 2. Key Electronic Components & Materials The internal architecture consists of several critical subsystems: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field to move the contacts. * **Input:** Rated for AC input. It is designed to operate efficiently without excessive heat buildup during continuous duty. #### B. Contact Material * **Composition:** Typically **Silver Tin Indium (AgSnIn)** or **Silver Alloy**. * **Purpose:** These materials are chosen for their high resistance to "welding" (sticking) and electrical erosion caused by arcing when the circuit opens. #### C. Arc Barrier/Insulation * **Design:** The internal housing includes physical barriers between poles. * **Function:** Prevents "flashover" or short-circuiting between the two poles when switching high voltages. --- ### 3. Application Use Cases Due to its high amperage rating (25A), this relay is found in specific electronic environments: 1. **HVAC Controllers:** Switching compressors or large fan motors. 2. **Power Supplies:** Serving as a main power disconnect or inrush current protector. 3. **Industrial Automation:** Controlling heaters or high-wattage lighting banks. 4. **EV Charging:** Used in basic Level 1 or Level 2 charging circuit protection. --- ### 4. Critical Warnings for Implementation When integrating this part into a circuit, engineers must account for: * **Heat Dissipation:** At 25A, the trace width on the PCB must be significantly large to prevent the board from burning. * **Inductive Loads:** If switching motors, the "Inrush Current" can be much higher than 25A; ensure the relay is derated appropriately. * **Mechanical Life:** This relay is rated for approximately 100,000 electrical operations at full load.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions for the PCB footprint of this relay?
    • ⤷ How does the AC coil version differ from the DC coil version in terms of power consumption?
    • ⤷ What is the dielectric strength between the coil and the contacts for safety isolation?