R7HL-YV2-R/F2K
AI

The **R7HL-YV2-R/F2K** is a specific module within the **OMRON R7HL Series** of Remote I/O terminals. These are primarily used in industrial automation environments to facilitate communication between a central controller (like a PLC) and field devices via the **CompoNet** network.
---
## 1. Technical Specifications
The R7HL-YV2-R/F2K is a **Voltage Output** expansion module. Below are its primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **I/O Type** | Analog Output (Voltage) |
| **Number of Points** | 2 Points (2 Channels) |
| **Output Range** | 0 to 10 V, -10 to 10 V, 0 to 5 V, 1 to 5 V |
| **Resolution** | 1/6,000 (Full Scale) |
| **Network Protocol** | CompoNet |
| **External Power Supply** | 24 VDC |
| **Current Consumption** | 100 mA max at 24 VDC |
| **Conversion Time** | 2 ms / 2 points |
---
## 2. Key Electronic Components & Interfaces
### A. Output Circuits
The module uses Digital-to-Analog Converters (DACs) to translate digital signals from the PLC into precise voltage levels.
* **Isolation:** The output signals are typically optically isolated from the internal logic circuits to prevent surges from damaging the controller.
* **Accuracy:** It maintains a high degree of precision, typically ±0.3% to ±0.5% of the full scale at room temperature.
### B. Connection Terminals
The unit utilizes a **2-tier terminal block** system:
1. **Communications Connector:** For the CompoNet flat or round cable.
2. **External Power Terminals:** Provides power for the internal electronics and the output drive.
3. **Analog Terminals:** Labeled for Channel 0 and Channel 1 (V+, V-, and Shield).
### C. DIP Switches
Located under the front cover, these hardware switches allow for manual configuration:
* **Node Address:** Setting the identity of the unit on the network.
* **Output Range:** Defining whether a channel operates at 0-10V or 1-5V, etc.
---
## 3. Practical Applications
This module is typically used to control devices that require a variable voltage signal rather than a simple On/Off state:
* **VFDs (Variable Frequency Drives):** Controlling the speed of a motor.
* **Proportional Valves:** Regulating flow or pressure in hydraulic/pneumatic systems.
* **Actuators:** Precise positioning of mechanical arms or louvers.
---
## 4. Installation Safety Note
> [!IMPORTANT]
> Ensure the external 24 VDC power supply is Class 2 or reinforced insulation type to meet safety standards. Always ground the **GR (Ground)** terminal to minimize electromagnetic interference (EMI) which can affect analog signal stability.
---
- ⤷
How do you configure the node address using the hardware DIP switches?
- ⤷ What is the difference between the R/F2K and other models in the R7HL series?
- ⤷ Can this module handle current output (4-20mA) or is it voltage only?