R7K4DML-B-DAC32A-R
AI

The **R7K4DML-B-DAC32A-R** is a high-performance, compact remote I/O terminal module produced by **Omron**. It belongs to the **R7 Series** of I/O terminals, specifically designed for industrial automation using the **DeviceNet** communication protocol.
---
### ## Technical Specifications Breakdown
The following table outlines the primary electronic and functional specifications of the module:
| Component / Feature | Specification Details |
| :--- | :--- |
| **Series** | R7 Series (DeviceNet Remote I/O) |
| **I/O Type** | Mixed (16 Digital Inputs + 16 Digital Outputs) |
| **Input Type** | PNP (24V DC) |
| **Output Type** | PNP Transistor (0.3A per point) |
| **Communication Protocol** | DeviceNet |
| **Rated Voltage** | 24V DC |
| **I/O Capacity** | 32 Points Total |
| **Mounting Type** | DIN Rail or M4 Screw mounting |
| **Connection Type** | Multi-pole terminal block (Removable) |
---
### ### Key Electronic Components & Subsystems
#### 1. Communication Interface (DeviceNet)
This module acts as a "Slave" node on a DeviceNet network. It contains a specialized **CAN controller** and transceiver to manage high-speed data exchange with a PLC (Master). The "DAC32A" suffix indicates the capacity for 32 bits of process data.
#### 2. Input Circuitry (Digital Inputs)
* **Optoisolation:** The 16 inputs are optically isolated to protect the internal logic from voltage spikes and noise originating from field sensors.
* **Filtering:** Includes digital debounce filters to prevent false triggering from mechanical switch contact bounce.
#### 3. Output Transistors (PNP)
* The module utilizes **PNP (Source) transistors**. When an output is activated, it connects the load to the positive rail (24V).
* **Protection:** Integrated protection against short circuits and thermal overload for each output point.
#### 4. Power Management
The unit typically features two separate power paths:
* **Network Power:** Draws power from the DeviceNet cable for communication logic.
* **I/O Power:** Requires an external 24V DC supply to drive the connected sensors and actuators.
---
### ### Wiring and Pin Configuration
The terminal block is organized to simplify field wiring:
* **V+ / V-**: Power supply for the internal circuitry and inputs.
* **G / S**: Common terminals for input/output groupings.
* **D+, D-, Shield**: Standard DeviceNet wiring colors (Red, White, Blue, Black, Bare).
---
- ⤷
How do I configure the Node Address for the R7K4DML module?
- ⤷ What is the maximum current capacity for the entire 16-point output block?
- ⤷ Does this module support both NPN and PNP sensor types?