R7ML-DC16A-R/Q
AI

## Overview of R7ML-DC16A-R/Q
The **R7ML-DC16A-R/Q** is a specific remote I/O module belonging to the **M-System (now MG CO., LTD.)** R7ML series. This series is designed for compact, high-speed data acquisition and control within industrial automation environments, typically utilizing the **MECHATROLINK-I/II** communication protocol.
---
### 1. Technical Specifications
The model name can be broken down to understand its electronic capabilities:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | R7ML (Compact Remote I/O) |
| **Communication** | MECHATROLINK-I / II |
| **Input/Output Type** | Discrete Input (DC) |
| **Points** | 16 Points |
| **Logic Type** | R (NPN/Sinking) or Q (PNP/Sourcing) |
| **Power Input** | 24V DC |
| **Isolation** | Optical isolation between internal circuit and input |
---
### 2. Key Electronic Components & Features
#### A. Input Circuitry
* **Optocouplers:** These modules use optical isolation to protect the internal MECHATROLINK logic from high-voltage spikes or noise on the field side.
* **Input Status LEDs:** 16 green LEDs located on the front panel provide immediate visual feedback on the state of each input.
* **Filtering:** Internal hardware filters help debounce signals from mechanical switches or noisy electronic sensors.
#### B. Communication Interface (MECHATROLINK)
* **Protocol Chip:** Dedicated silicon to handle the high-speed (10 Mbps for ML-II) deterministic communication required for motion control.
* **Station Address Switches:** Rotary switches located under the cover for manual hardware addressing (01H to 1FH or 20H to 3FH).
#### C. Power Supply Section
* **Internal DC-DC Converter:** Converts the 24V DC field power into stable logic-level voltages (usually 3.3V or 5V) for the internal microprocessor and communication chips.
* **Protection:** Includes polarity protection and overcurrent fuses.
---
### 3. Wiring Logic (R vs Q)
The suffix at the end of the model number determines the electronic wiring configuration for the inputs:
| Suffix | Logic Type | Electronic Flow |
| :--- | :--- | :--- |
| **-R** | **NPN (Sinking)** | The input triggers when the terminal is connected to the negative (0V) side. |
| **-Q** | **PNP (Sourcing)** | The input triggers when the terminal is connected to the positive (+24V) side. |
---
### 4. Physical Layout
1. **Terminals:** Two-piece terminal blocks for easy maintenance.
2. **DIN Rail Mount:** Standard 35mm rail mounting clips.
3. **Communication Ports:** MECHATROLINK connectors (shielded) for daisy-chaining multiple modules.
---
- ⤷
What are the specific wiring differences between the R and Q versions?
- ⤷ How do you configure the station address on this module?
- ⤷ What is the maximum response time for the 16-point discrete inputs?