R7X1008M-R82
AI

The **R7X1008M-R82** is a specialized high-current, high-frequency molded power inductor. These components are primarily used in voltage regulator modules (VRMs) for servers, graphics cards (GPUs), and high-performance computing systems.
---
### 1. Technical Specifications
The part number follows a specific nomenclature common to manufacturers like **Mag.Layers** or **Chilisin**. Below are the typical technical characteristics for this series:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.82 (indicated by R82) | µH |
| **Tolerance** | ±20% (Typical) | % |
| **Saturation Current (Isat)** | ~30A - 50A (Depending on size) | Amps |
| **Heating Current (Irms)** | ~25A - 40A | Amps |
| **DC Resistance (DCR)** | ~1.5 - 3.5 (Max) | mΩ |
| **Operating Temp** | -40 to +125 | °C |
---
### 2. Physical Construction
The "R7X" series usually refers to a **Molded Inductor** structure.
* **Core Material:** Carbonyl iron powder or alloy powder mixed with resin.
* **Shielding:** The molded construction provides natural magnetic shielding, reducing Electromagnetic Interference (EMI).
* **Structure:** A flat wire copper coil is placed inside the mold, and the metal powder is pressed around it. This design minimizes the physical size while maximizing current handling.
---
### 3. Key Features
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when overloaded, molded inductors have a gradual saturation curve.
* **Low DCR:** The use of thick copper wire ensures minimal power loss through heat.
* **High Frequency:** Optimized for switching frequencies ranging from 100kHz up to several MHz.
* **Acoustic Noise Reduction:** The solid molded body prevents the "coil whine" often heard in traditional open-wire inductors.
---
### 4. Common Applications
Due to its high current density and efficiency, the R7X1008M-R82 is found in:
1. **Motherboards:** Multi-phase CPU power delivery.
2. **GPU Power Stages:** High-performance video card VRMs.
3. **DC/DC Converters:** Point-of-load (POL) modules for industrial electronics.
4. **Networking:** Power supplies for routers and high-speed switches.
- ⤷
What are the equivalent alternative part numbers for the R7X1008M series?
- ⤷ How does the 'soft saturation' of this inductor benefit a GPU power circuit?
- ⤷ What is the specific footprint/package size for the 1008M designation?