AI

Based on the model number provided, the **R8-NEIP-R/Q** refers to a specific configuration of the **R8 Series Remote I/O** system manufactured by **M-System** (now often branded as MG CO., LTD). This specific unit is a **Network Module** designed for **EtherNet/IP** communication.
---
### 1. Key Electronic Specifications
The R8-NEIP-R/Q acts as the "brain" or gateway for a slice-type I/O system. It manages communication between a PLC (Programmable Logic Controller) and various I/O modules.
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | EtherNet/IP (Conformance tested) |
| **Transmission Speed** | 10 / 100 Mbps (Auto-negotiation) |
| **I/O Capacity** | Up to 128 bytes (Input/Output respectively) |
| **Power Input** | 24V DC (±10%) |
| **Internal Bus Current** | Max 1.2A (Supports power to attached I/O slices) |
| **Status Indicators** | LEDs for PWR, RUN, ERR, LINK/ACT, NS, MS |
---
### 2. Physical and Interface Components
The unit is composed of several critical electronic interfaces to ensure industrial-grade reliability:
* **Dual RJ-45 Connectors:** Built-in Ethernet switch allows for "Daisy Chain" (line) topology, reducing the need for external switches.
* **Rotary Switches:** Located under the front cover, these are used to set the IP address manually (e.g., the last octet) or to enable DHCP/BootP modes.
* **Internal Bus Connector:** A high-speed backplane connector that provides power and data synchronization to the I/O modules (Digital, Analog, Thermocouple) snapped to its right side.
* **Config Port:** Usually a mini-USB or specialized port for local configuration via PC software.
---
### 3. Meaning of the Suffixes
The model string breaks down into specific hardware choices:
* **R8:** The series designation (Ultra-slim, slice-type I/O).
* **NEIP:** Identification for **EtherNet/IP** protocol.
* **-R:** Indicates the power input type (typically **24V DC**).
* **/Q:** This is an "Option" suffix. In M-System nomenclature, **/Q** usually indicates a **special specification** or **quality control requirement** (such as specific coating, testing, or labeling requirements).
---
### 4. Circuit Protection & Isolation
To operate in harsh industrial environments, the electronics include:
* **Isolation:** 1500V AC isolation between Ethernet, Power, and Internal Bus.
* **Noise Immunity:** Compliant with EMC standards to prevent data corruption from nearby motors or high-voltage lines.
---
- ⤷What is the maximum number of I/O modules that can be connected to the R8-NEIP?
- ⤷ How do I configure the IP address if the rotary switches are not used?
- ⤷ What does the /Q option specifically signify regarding environmental coating?