Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R8152S031B

  • AI
    The **R8152S031B** is a high-precision voltage regulator (specifically a Low Dropout Regulator or LDO) manufactured by **Nisshinbo Micro Devices (formerly Ricoh Electronic Devices)**. It is part of the R8152 series, designed for high-input voltage applications requiring low noise and high stability. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the R8152S031B: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.5V to 36V (Max 50V) | | **Output Voltage** | 3.1V (Fixed) | | **Output Current** | 150mA | | **Dropout Voltage** | ~0.6V (at 150mA) | | **Supply Current (Typ.)** | 60µA | | **Standby Current** | 0.1µA | | **Operating Temperature** | -40°C to 105°C | | **Package Type** | HSOP-8E | --- ## 2. Key Internal Components The internal architecture of this IC consists of several critical electronic blocks: * **Reference Voltage Unit:** A high-stability bandgap reference that ensures the 3.1V output remains constant despite temperature fluctuations. * **Error Amplifier:** Compares the output voltage to the reference and adjusts the pass transistor to maintain regulation. * **Power MOSFET:** A P-channel MOSFET acts as the "pass element," allowing current to flow from input to output with minimal resistance. * **Protection Circuitry:** * **Over-current Protection:** Limits output current to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safe limits. --- ## 3. Circuit Application To use the R8152S031B effectively, basic external components are required. Below is a representation of a standard implementation: ### Required External Components 1. **Input Capacitor ($C_{IN}$):** Typically 0.1µF to 1.0µF ceramic. 2. **Output Capacitor ($C_{OUT}$):** Typically 0.1µF to 10µF ceramic (essential for stability). ### Connection Diagram Concept ```text [Input Voltage (up to 36V)] ----+---- [VIN] [VOUT] ----+---- [3.1V Output] | | [Cin] [Cout] | | [GND] --------------------------+--------- [GND] -----------+---- [GND] ``` --- ## 4. Typical Use Cases * **Industrial Equipment:** Powering sensors and PLCs from a 24V bus. * **Automotive Aftermarket:** Regulation for 12V/24V vehicle battery systems. * **Home Appliances:** Control boards where high input voltage spikes might occur. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R8152S and R8152N versions?
    • ⤷ How does the 'S031B' suffix specifically define the output voltage and tolerance?
    • ⤷ What are the PCB layout recommendations for thermal management in the HSOP-8E package?