Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • R9H255-R

  • AI
    The **R9H255-R** is a high-power semiconductor device, specifically a **Fast Recovery Diode (FRD)** or a **Rectifier Diode**, typically manufactured by brands like Powerex (Westcode). These devices are designed for heavy industrial applications requiring high current handling and fast switching speeds. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature. Here are the typical parameters for this series: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Average Forward Current ($I_{F(AV)}$)** | ~250A to 300A (depending on cooling) | | **Peak Reverse Voltage ($V_{RRM}$)** | 2500V to 3000V | | **Package Type** | Stud Mount / Hockey Puk (Disc) | | **Reverse Recovery Time ($t_{rr}$)** | Optimized for fast switching | --- ### 2. Functional Characteristics * **Fast Recovery:** Unlike standard diodes, these have a very low reverse recovery time ($t_{rr}$). This minimizes energy loss during the transition from a conducting state to a blocking state. * **High Voltage Blocking:** The "25" in the part number often denotes a voltage rating in the magnitude of 2500V, making it suitable for high-voltage grid or motor applications. * **Thermal Management:** Usually housed in a rugged metal package to ensure efficient heat dissipation to a heatsink. --- ### 3. Applications The R9H255-R is commonly found in the following systems: 1. **Inverters & Converters:** Used in DC-to-AC conversion for renewable energy or industrial motor drives. 2. **Uninterruptible Power Supplies (UPS):** High-power rectifying stages. 3. **Induction Heating:** High-frequency switching environments. 4. **Choppers:** Fast-acting protection or freewheeling diodes. --- ### 4. Circuit Symbol and Operation In a schematic, this is represented by a standard diode symbol, but it is physically much larger than consumer electronics components. ```text Anode (A) Cathode (K) |--------|>|--------| (Current flows A -> K only) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific reverse recovery time (trr) for the R9H255-R?
    • ⤷ Can this diode be used in high-frequency induction heating applications?
    • ⤷ What are the mounting torque requirements for this specific package type?