RA-05-R-T
AI

The **RA-05-R-T** belongs to a specific category of electromechanical components, typically identified as a **Right-Angle (RA) Tactile Switch**. These components are fundamental in electronics for providing user input and tactile feedback.
---
### 1. Component Overview
The RA-05-R-T is a momentary push-button switch designed for PCB (Printed Circuit Board) mounting. The "Right-Angle" designation means the actuator is oriented parallel to the board, allowing for side-access button placement on a device enclosure.
### 2. Technical Specifications
The typical electrical and mechanical characteristics are summarized in the table below:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Momentary (Normally Open) |
| **Mounting Type** | Through-Hole (Right-Angle) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | < 100mΩ |
| **Operating Force** | 160gf to 250gf (Commonly 160gf) |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Life Cycle** | 100,000+ Cycles |
---
### 3. Key Electronic Parts & Construction
The internal and external architecture consists of several critical materials:
1. **The Actuator (Button):** Usually made of high-temperature plastic (PBT or Nylon). This is the part the user presses.
2. **The Cover/Bracket:** A metal plate (often stainless steel or brass with tin plating) that holds the internal components together and provides the "Right-Angle" structural support.
3. **The Contact Dome:** A snap-acting metal disc. This is the heart of the switch; when pressed, it collapses to bridge the circuit and provides the "click" sound and feel.
4. **Terminal Leads:** Conductive pins (Silver or Gold plated) that are soldered into the PCB. The "T" in the part number often refers to "Taped" or specific terminal plating styles.
5. **Base:** A molded plastic housing that contains the stationary contacts.
### 4. Common Applications
Due to its small footprint and side-actuation, the RA-05-R-T is frequently found in:
* **Consumer Electronics:** Volume buttons on tablets or handheld devices.
* **Industrial Controls:** Reset buttons on recessed panels.
* **Computer Peripherals:** Side buttons on mice or power switches on external hard drives.
* **Medical Devices:** Compact interface controls.
---
### 5. Circuit Symbol
In a schematic diagram, the RA-05-R-T is represented as a simple normally open (NO) switch:
```text
/
-----/ -----
(NO)
```
- ⤷
What is the footprint difference between through-hole and SMD versions of this switch?
- ⤷ How does the 'Operating Force' impact the user experience in tactile switches?
- ⤷ Can this switch be used for high-voltage AC applications?