RA-07-R-T
AI

The **RA-07-R-T** is a wireless communication module developed by **Ai-Thinker**. It is based on the **Semtech SX1262** transceiver and is designed for Long Range (LoRa) applications, specifically utilizing the **LoRaWAN** protocol.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the RA-07-R-T module:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Semtech SX1262 + STM32 Series MCU |
| **Frequency Range** | 410MHz ~ 525MHz (standard) |
| **Protocol** | LoRaWAN / LoRa (Point-to-Point) |
| **Interface** | UART (AT Command Set) |
| **Operating Voltage** | 3.3V (Typical) |
| **Transmit Power** | Up to +22dBm |
| **Sensitivity** | -148dBm (at SF12 / 125KHz) |
| **Package** | SMT (Surface Mount Technology) |
---
### ### Core Electronic Components
The module integrates several critical parts within its compact shielding:
1. **The SX1262 Transceiver:** The heart of the module, responsible for the Physical Layer (PHY). It provides high sensitivity and high power efficiency compared to older SX127x series chips.
2. **Integrated MCU:** Unlike simple LoRa transceivers, the "R" series includes an onboard microcontroller. This MCU runs the LoRaWAN stack and handles **AT Commands**, allowing you to control the module via simple serial strings.
3. **TCXO (Temperature Compensated Crystal Oscillator):** The "-T" in the part number usually indicates a TCXO. This ensures frequency stability even during extreme temperature fluctuations, which is critical for narrow-band long-range communication.
4. **RF Front-End:** Includes an antenna switch and matching circuit optimized for the 433/470 MHz bands.
---
### ### Pinout and Connectivity
The module typically interfaces with a host controller (like an Arduino, ESP32, or Raspberry Pi) via the following pins:
* **VCC/GND:** Power supply (3.3V).
* **UART_TX / UART_RX:** For sending and receiving AT commands.
* **RESET:** To hardware reset the module.
* **ANT:** Pin or IPEX connector for the external antenna.
---
### ### Key Advantages
* **Ease of Use:** Because it supports AT commands, you do not need to write complex LoRaWAN timing code; you simply send `AT+JOIN` to connect to a gateway.
* **Low Power Consumption:** Designed for battery-operated IoT sensors, featuring deep sleep modes in the micro-ampere range.
* **Stability:** The TCXO makes it suitable for industrial outdoor environments.
- ⤷What are the specific AT commands for joining a LoRaWAN network with this module?
- ⤷ Can the RA-07-R-T be used for peer-to-peer communication without a gateway?
- ⤷ What is the maximum line-of-sight range for this module in an open field?