Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RA13-R

  • AI
    The **RA13-R** (often associated with the **RA Series** by manufacturers like **RECOM** or specific industrial sensor modules) typically refers to a high-precision, regulated DC/DC converter or a specific rotary potentiometer/encoder configuration. Below is a breakdown of the electronic components and characteristics commonly found in the RA13-R series architecture. --- ### 1. Core Component Specifications If the RA13-R refers to a **Power Module** (DC/DC Converter), these are the primary electronic characteristics: | Component Attribute | Typical Specification | Function | |:---|:---|:---| | **Input Voltage Range** | 4.5V - 18V or 18V - 36V | Accepts fluctuating DC sources | | **Output Voltage** | 3.3V, 5V, or 12V (Fixed) | Provides stable power to logic circuits | | **Isolation Voltage** | 1kV to 3kV DC | Protects sensitive components from surges | | **Efficiency** | 80% - 88% | Minimizes heat dissipation | | **Package Type** | DIP24 or SMD | Defines physical mounting on PCB | --- ### 2. Internal Electronic Architecture The internal circuitry of an RA13-R module generally consists of the following stages: #### A. Input Filter (EMI Suppression) * **Capacitors:** Usually ceramic (MLCC) to filter high-frequency noise. * **Inductors:** Form an LC filter to prevent switching noise from feeding back into the main power supply. #### B. Switching Regulator (PWM Controller) * **MOSFETs:** High-speed electronic switches that chop the input DC into pulses. * **Controller IC:** Regulates the Pulse Width Modulation (PWM) based on feedback to maintain a constant output voltage. #### C. Isolation Barrier * **Transformer:** A high-frequency miniature transformer that provides galvanic isolation between the input and output stages. #### D. Rectification and Smoothing * **Schottky Diodes:** Used for fast recovery rectification of the transformer output. * **Output Capacitors:** Large value capacitors to smooth the ripple voltage into a clean DC signal. --- ### 3. Key Protection Features Electronic parts within the RA13-R are designed to survive harsh industrial environments through: 1. **Short Circuit Protection (SCP):** Automatic shutdown if the output is bridged. 2. **Overload Protection:** Prevents internal components from overheating under excessive current draw. 3. **Thermal Shutdown:** A thermistor-linked circuit that kills power if the internal temperature exceeds safety limits (usually >100°C). --- ### 4. Typical Application Circuit When integrating the RA13-R into a PCB design, the following external components are often recommended: ```cpp // Example: Basic Peripheral Setup for RA13-R [Input +] ---- [Ferrite Bead] ---- [Capacitor 10uF] ---- (Pin 1: RA13-R) [Input -] --------------------------------------------- (Pin 2: RA13-R) (Pin 10: RA13-R) ---- [Capacitor 22uF] ---- [Output +] (Pin 12: RA13-R) -------------------------- [Output -] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your RA13-R component?
    • ⤷ Are you looking for the pinout diagram for this specific part?
    • ⤷ Do you need help calculating the external EMI filter values for this module?