Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RAM13

  • AI
    The term **RAM13** is often used in two specific contexts: most commonly as a part number for a specific **EMI/RFI shielding component** (like those from API Technologies) or as a legacy reference to specific memory modules. Below is an explanation of the electronic properties and parts of a **RAM13 shielding/filter component**, which is the most frequent technical hit for this designation. --- ## 1. Component Overview: EMI/RFI Filter In the electronic parts industry, the RAM13 is typically a **Feedthrough Capacitor** or an **EMI Filter**. These are used to suppress high-frequency noise on power or signal lines while allowing the desired DC or low-frequency signals to pass. ### Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Pi Filter / Feedthrough Capacitor | | **Capacitance** | Range varies (often 10pF to 1.0µF) | | **Voltage Rating** | 50V to 500V DC | | **Current Rating** | 5A to 15A (standard) | | **Mounting Style** | Bolt-in / Threaded Case | | **Termination** | Solder Lead / Turret | --- ## 2. Internal Electronic Parts An EMI filter like the RAM13 consists of three main passive elements arranged to block electromagnetic interference: ### A. Capacitors (C-Type) * **Material:** Usually multi-layer ceramic. * **Function:** Shunts high-frequency noise to the chassis ground. * **Structure:** Circular or "discoidal" capacitors that wrap around the center conductor. ### B. Inductors (L-Type) * **Material:** Ferrite beads or cores. * **Function:** Increases the impedance of the line at high frequencies, reflecting the noise back toward the source. ### C. The Housing (Chassis) * **Material:** Silver-plated brass or steel. * **Function:** Provides the ground connection and physical protection. The threads allow it to be screwed into a metal wall (Faraday cage). --- ## 3. Physical Structure and Pinout The RAM13 follows a specific physical geometry to ensure effective filtering: 1. **Center Lead:** A solid copper or alloy wire that carries the main signal/power. 2. **Ceramic Dielectric:** Insulates the lead from the housing while storing charge. 3. **Encapsulation:** Epoxy resin used to seal the internal parts against moisture and vibration. 4. **Nut and Washer:** Mechanical parts used to secure the component to a bulkhead. --- ## 4. Equivalent Logic (Memory Context) If "RAM13" refers to a specific memory block address in microcontrollers (like the 8051 or older PIC series): * **Cell Structure:** It consists of Flip-Flops (SRAM) using 6 transistors (6T) per bit. * **Addressing Logic:** It utilizes a **Row Decoder** and **Column Multiplexer** to isolate the specific "13th" register or memory bank. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Pi-filter and a C-filter in RAM series components?
    • ⤷ How do you test a RAM13 feedthrough capacitor using a multimeter?
    • ⤷ Which industries typically use the RAM13 EMI shielding parts?